Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW4STM32C Datasheet(PDF) 90 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 90 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 86Page - STMicroelectronics SW4STM32C Datasheet HTML 87Page - STMicroelectronics SW4STM32C Datasheet HTML 88Page - STMicroelectronics SW4STM32C Datasheet HTML 89Page - STMicroelectronics SW4STM32C Datasheet HTML 90Page - STMicroelectronics SW4STM32C Datasheet HTML 91Page - STMicroelectronics SW4STM32C Datasheet HTML 92Page - STMicroelectronics SW4STM32C Datasheet HTML 93Page - STMicroelectronics SW4STM32C Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
Use Nucleo “cutted” ST-LINK as stand-alone VCP
AN4989
90/99
DocID030181 Rev 2
Any available UART of the STM32 application can be connected to the CN3 connector of
the ST-LINK part.
Figure 68 illustrates a project using NUCLEO-F302R8 is using ST-LINK part of a
NUCLEO-L476RG for connection of UART1 to the host.
UART1 RX PC5 is routed via Morpho Connector CN10 Pin 6 to CN3 TX of
NUCLEO-L476RG ST-LINK.
UART1 TX PC4 is routed via Morpho Connector CN10 Pin 34 to CN3 RX of
NUCLEO-L476RG ST-LINK.
Figure 68. Using ST-LINK stand-alone part of Nucleo-L476RG as VCP
With this setup, on the PC side, two Virtual-COM ports are available with potentially two
different serial channels:
1.
Nucleo-F302R8 UART2 (native default VCP) to COM4
2.
Nucleo-F302R8 UART1 (VCP through Nucleo-L476RG) to COM8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com