Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW4STM32C Datasheet(PDF) 62 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 62 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 58Page - STMicroelectronics SW4STM32C Datasheet HTML 59Page - STMicroelectronics SW4STM32C Datasheet HTML 60Page - STMicroelectronics SW4STM32C Datasheet HTML 61Page - STMicroelectronics SW4STM32C Datasheet HTML 62Page - STMicroelectronics SW4STM32C Datasheet HTML 63Page - STMicroelectronics SW4STM32C Datasheet HTML 64Page - STMicroelectronics SW4STM32C Datasheet HTML 65Page - STMicroelectronics SW4STM32C Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
Printf debugging
AN4989
62/99
DocID030181 Rev 2
It has to be used in combination with a Serial Wire Viewer (SWV) on host side which
provides the following features:
•
PC (Program Counter) sampling
•
Event counters that show CPU cycle statistics
•
Exception and Interrupt execution with timing statistics
•
Trace data - data reads and writes used for timing analysis
•
ITM trace information used for simple printf-style debugging
This chapter only addresses the printf-style debugging feature.
In order host debugger can manage flexible pin assignment ensure SWO pin is not used for
other purpose.
In STM32CubeMX:
Select "Trace Asynchronous Sw" in SYS -> Debug selection box as shown in Figure 42.
Figure 42. SWO Pin configuration with STM32CubeMX
This secures that the PB3 is not allocated to another use. No specific code is generated.
Other init steps are performed by the SWV integrated in the IDE or in the ST-LINK utility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com