Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1266ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
ADM1266
Data Sheet
Rev. A | Page 24 of 62
SYSTEM LOGIC BLOCK
The ADM1266 features a user configurable combinational logic
block. The input to the logic block can be the status of VHx, VPx, a
GPIO, or PDIO, and the output sets the PDIOs or GPIOs.
The logic block operates independent of the SE and margining
block. The logic block has lower priority than the SE. As a
result, if the sequencing engine is busy running a sequence, the
output of the logic blocks is delayed until completion of the
present task.
The logic function consists of five core logic elements: AND,
OR, NAND, NOR, and NOT. Multiple logic elements can be
cascaded to achieve any user defined logic combination.
The inputs to the logic gates can be a combination of PDIOs,
GPIOs, VHx/VPx warnings, VHx/VPx faults, and the output of
other logic gates.
The output of the logic gates can be used to drive the GPIOs,
PDIOs, or the input of other logic gates.
In a multiple device system, the inputs and outputs from multiple
devices cannot be used in the same logic block because the logic
function block does not use the IDB. The output of logic function
from one ADM1266 device can be propagated to another by
using a GPIO or PDIO.
The maximum number of inputs to a logic element or a
cascaded logic element is 256.
The logic is configured using the manufacture specific command,
LOGIC_CONFIGURATION (Register 0xE0). It is recommend
to use the Power Studio software for programming the logic
blocks to the specifications of the user.
For example, in a system with three voltage rails, UV or OV
warning status of each rail can be logically OR’ed together to
set a single status signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com