| Electronic Components Datasheet Search |
|
ADM1266ACPZ-R7 Datasheet(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1266ACPZ-R7 Datasheet(HTML) 40 Page - Analog Devices |
|
40 / 62 page ![]() ADM1266 Data Sheet Rev. A | Page 40 of 62 MFR_LOCATION The MFR_LOCATION command either sets or reads the manufacturing location of the device. MFR_LOCATION is typically set only once, at the time of manufacture. The maximum length of the location is 48 bytes. Table 42. Register 0x9C—MFR_LOCATION (for Block WR) Byte Byte Name R/W Description 0 Parameter length Block W Parameter data length, fixed to 1. 1 ID length Block W The length of manufacturer location data to read back. Maximum = 48 bytes. 0 Data length Block R The length of the manufacturer location data that the ADM1266 returns. [64:1] Data Block R Manufacturer location data. Table 43. Register 0x9C—MFR_LOCATION (for Block W) Byte Byte Name R/W Description 0 Data length Block W The length of manufacturer location data to write. Maximum = 48 bytes. [64:1] Data Block W Manufacturer location data. MFR_DATE The MFR_DATE command either sets or reads the date the device was manufactured. MFR_DATE is typically set only once, at the time of manufacture. The maximum length of the date is 16 bytes. Table 44. Register 0x9D—MFR_DATE (for Block WR) Byte Byte Name R/W Description 0 Parameter length Block W Parameter data length, fixed to 1. 1 ID length Block W The length of manufacturer date to read back. Maximum = 16 bytes. 0 Data length Block R The length of the manufacturer date that the ADM1266 returns. [64:1] Data Block R Manufacturer date. Table 45. Register 0x9D—MFR_DATE (for Block W) Byte Byte Name R/W Description 0 Data length Block W The length of manufacturer date to write. Maximum = 16 bytes. [64:1] Data Block W Manufacturer date. MFR_SERIAL The MFR_SERIAL command either sets or reads the manufacturer serial number of the device. MFR_LOCATION is typically set only once, at the time of manufacture. The maximum length of the serial number is 32 bytes. Table 46. Register 0x9E—MFR_SERIAL (for Block WR) Byte Byte Name R/W Description 0 Parameter length Block W Parameter data length, fixed to 1. 1 ID length Block W The length of manufacturer serial data to read back. Maximum = 32 bytes. 0 Data length Block R The length of the manufacturer serial data that the ADM1266 returns. [64:1] Data Block R Manufacturer serial data. Table 47. Register 0x9E—MFR_SERIAL (for Block W) Byte Byte Name R/W Description 0 Data length Block W The length of manufacturer serial data to write. Maximum = 32 bytes. [64:1] Data Block W Manufacturer serial data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |