| Electronic Components Datasheet Search |
|
ADM1266ACPZ-R7 Datasheet(PDF) 61 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1266ACPZ-R7 Datasheet(HTML) 61 Page - Analog Devices |
|
61 / 62 page ![]() Data Sheet ADM1266 Rev. A | Page 61 of 62 MEMORY_RECALCULATE_CRC This command recalculates both the main and backup memory CRC. Table 111. Register 0xF9—MEMORY_RECALCULATE_CRC Bits Bit Name R/W Description [15:0] RECALCULATE_CRC W Write 100 (hexadecimal) to recalculate the CRC of all the sections of the memory SWITCH_MEMORY This command switches between the configure main memory and configure backup memory. Table 112. Register 0xFA—SWITCH_MEMORY (for Block W) Byte Bit Name R/W Description 0 Data length Block W Number of bytes of data for this block write, fixed to 1. 1 Memory index Block W Memory index. 0 for main memory, 1 for backup memory. ERASE_MEMORY This command erases the main memory or backup memory. Table 113. Register 0xFB—ERASE_MEMORY (for Block W) Byte Bit Name R/W Description 0 Data length Block W Number of bytes of data for this block write, fixed to 1. 1 Memory index Block W Memory index. 0 for main memory, 1 for backup memory. UPDATE_FW The command updates the firmware. Table 114. Register 0xFC—UPDATE_FW Bits Bit Name Type Description [15:0] UPDATE_FW W Write 100 (hexadecimal) to jump to bootloader and start updating firmware FW_PASSWORD This command changes the password, locks/unlocks the device Table 115. Register 0xFD—FW_PASSWORD (for Block W) Byte Byte Name R/W Description 0 Data length Block W Number of bytes of data for this block write, fixed to 17. [1:16] Password Block W 16-byte password. 17 Command Block W Password command (in decimal code). 1 = change password. 2 = unlock device. 3 = lock device. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |