Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1266ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 19 of 62
STATES
The user can configure up to 1023 states to form their desired
state machine. The user can create their virtual state machine
using the Analog Devices Power Studio™ software. If there is only
one device, the virtual state machine and the state machine
configured in the device are identical. If multiple devices are
connected together, the software compiles the virtual state
machine and programs each device with the corresponding
state machine and IDB messages. This procedure is transparent
to the user, meaning that the user does not need to individually
create a state machine for each ADM1266 device. After the user
creates the virtual state machine in the software, the software
automatically creates the corresponding state machine for each
device.
For example, the user creates a virtual state machine in the
software consisting of 20 states. For a single device, the device
has 20 states. For multiple devices, each device has 20 states. All
the devices move through the different states in synchronization
and work in parallel.
Breakpoints and Debug Mode
During development, the user can set the ADM1266 to be in
debug mode. The user can set breakpoints for each of the
1023 states as desired. When the ADM1266 enters a state, if the
breakpoint for the state is enabled, the SE pauses at the start of
the state. The SE can resume by sending a start message using
GO_COMMAND (Register 0xD8). When resuming, the SE
executes the actions in that state, which is helpful in pausing the
SE at the desired breakpoints without modifying the configured
state machine. In normal mode, the breakpoints are ignored.
Stop, Start, and Reset
At any point, GO_COMMAND (Register 0xD8) can be issued
to the ADM1266 to start or stop the SE. This command can also
be used to reset the state machine to State 0. By default at power-up,
the SE is in start mode and does not need a start command. If
multiple devices are connected, GO_COMMAND (Register 0xD8)
must be sent to all the devices as part of the group command
protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com