| Electronic Components Datasheet Search |
|
ADM1266ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1266ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices |
|
39 / 62 page ![]() Data Sheet ADM1266 Rev. A | Page 39 of 62 MFR_ID The MFR_ID command either sets or reads the manufacturer ID. MFR_ID is typically set only once, at the time of manufacture. The maximum length of the ID is 32 bytes. Table 36. Register 0x99—MFR_ID (for Block WR) Byte Byte Name R/W Description 0 Parameter length Block W Parameter data length, fixed to 1. 1 ID length Block W The length of the manufacturer ID data to read back. Maximum = 32 bytes. 0 Data length Block R The length of the manufacturer ID data that the ADM1266 returns. [64:1] Data Block R Manufacturer ID data. Table 37. Register 0x99—MFR_ID (for Block W) Byte Byte Name R/W Description 0 Data length Block W The length of the manufacturer ID data to write. Maximum = 32 bytes. [64:1] Data Block W Manufacturer ID data. MFR_MODEL The MFR_MODEL command either sets or reads the manufacturer model number. MFR_MODEL is typically set only once, at the time of manufacture. The maximum length of the model number is 32 bytes. Table 38. Register 0x9A—MFR_MODEL (for Block WR) Byte Byte Name R/W Description 0 Parameter length Block W Parameter data length, fixed to 1. 1 ID length Block W The length in bytes of manufacturer model number to read back. Maximum = 32 bytes. 0 Data length Block R The length of the manufacturer model number that the ADM1266 returns. [64:1] Data Block R Manufacturer model data. Table 39. Register 0x9A—MFR_MODEL (for Block W) Byte Byte Name R/W Description 0 Data length Block W The length in bytes of manufacturer model number to write. Maximum = 32 bytes. [64:1] Data Block W Manufacturer model data. MFR_REVISION The MFR_REVISION command either sets or reads the manufacturer revision number. MFR_REVISION is typically set only once, at the time of manufacture. The maximum length of the revision number is 8 bytes. Table 40. Register 0x9B—MFR_REVISION (for Block WR) Byte Byte Name R/W Description 0 Parameter length Block W Parameter data length, fixed to 1. 1 ID length Block W The length of manufacturer revision number to read back. Maximum = 8 bytes. 0 Data length Block R The length of the manufacturer revision number that the ADM1266 returns [64:1] Data Block R Manufacturer revision data Table 41. Register 0x9B—MFR_REVISION (for Block W) Byte Byte Name R/W Description 0 Data length Block W The length of manufacturer revision number to write. Maximum = 8 bytes. [64:1] Data Block W Manufacturer’s revision data |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |