Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1266ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADM1266ACPZ-R7
Description  Cascadable Super Sequencer Margin Control and Fault Recording
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1266ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADM1266ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADM1266ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
Data Sheet
ADM1266
Rev. A | Page 45 of 62
Byte
Byte Name
R/W
Description
01100 = PDIO13.
01101 = PDIO14.
01110 = PDIO15.
01111 = PDIO16.
Setting the byte to 0xFF means the device reads back data for all PDIOs.
0
Data length
Block R
The length of the PDIO configuration data that the ADM1266 returns. Set to 2 when PDIO index
parameter < 16, and 32 when PDIO index parameter is 0xFF.
[N:1]
Data
Block R
Configuration data for PDIOx.
Table 57. Register 0xD4—PDIO_CONFIGURATION (for Block W)
Byte
Byte Name
R/W
Description
0
Data length
Block W
Number of bytes of data for this block write. For a write, the data length is from 3 to 33.
1
Starting index
Block W
00000 = PDIO1.
00001 = PDIO2.
00010 = PDIO3.
00011 = PDIO4.
00100 = PDIO5.
00101 = PDIO6.
00110 = PDIO7.
00111 = PDIO8.
01000 = PDIO9.
01001 = PDIO10.
01010 = PDIO11.
01011 = PDIO12.
01100 = PDIO13.
01101 = PDIO14.
01110 = PDIO15.
01111 = PDIO16.
This value together with data length determine which PDIO is configured. For example; if
starting index is 5 and data length is 7, PDIO6, PDIO7, and PDIO8 are configured.
[33:2]
Data
Block W
Data for PDIOx configuration.
Table 58. Two Bytes of Data for Each PDIOx Configuration
Bits
Bit Name
R/W
Description
[15:13]
PDIO_PIN_CFG
R/W
Operating mode for PDIOx pin.
000 = disabled.
001 = output.
010 = input.
011 = input/output.
100 = disabled.
101 = invalid.
110 = invalid.
111 = invalid.
[12:9]
PDIO_GLITCH_FILT
R/W
Input glitch filter setting. Pulses smaller than this width are suppressed.
0000 = 500 ns.
0001 = 1.0 µs.
0010 = 2.0 µs.
0011 = 4.0 µs.
0100 = 5.0 µs.
0101 = 6.0 µs.
0110 = 7.5 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com