| Electronic Components Datasheet Search |
|
ADM1266ACPZ-R7 Datasheet(PDF) 34 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADM1266ACPZ-R7 Datasheet(HTML) 34 Page - Analog Devices |
|
34 / 62 page ![]() ADM1266 Data Sheet Rev. A | Page 34 of 62 STANDARD PMBus COMMAND DESCRIPTIONS All commands designated as Block WR/W consist of two writes and a read. A standard block write is performed to write to the command, but the command must be written first before it can be read back. STANDARD PMBus COMMANDS Page The page command provides the ability to configure, control, and monitor using only one physical address. Table 12. Register 0x00—Page Bits Bit Name Type Description [7:0] PAGE R/W 00000 = VH1. 00001 = VH2. 00010 = VH3. 00011 = VH4. 00100 = VP1. 00101 = VP2. 00110 = VP3. 00111 = VP4. 01000 = VP5. 01001 = VP6. 01010 = VP7. 01011 = VP8. 01100 = VP9. 01101 = VP10. 01110 = VP11. 01111 = VP12. 10000 = VP13. Setting the page to 0xFF means that all following commands are to be applied to all inputs. Operation The operation command turns the closed-loop margining on and off, and determines which voltage to margin to. Table 13. Register 0x01—Operation Bits Bit Name R/W Description [7:6] MARGIN_EN R/W 01 is soft off, 10 is margin on, and others are reserved. [5:4] MARGIN_VOLTAGE R/W 00 is VOUT_COMMAND (closed-loop servo to the voltage set in VOUT_COMMAND), 01 is margin low, 10 is margin high, and others are reserved. [3:2] Fault R/W 01 is ignore fault and others are reserved. [1:0] Reserved R Reserved. CLEAR_FAULTS The CLEAR_FAULTS command is a send byte, with no data. This command clears all fault bits in all PMBus status registers simultaneously. Table 14. Register 0x03—CLEAR_FAULTS Bits Bit Name Type Description Not Applicable CLEAR_FAULTS Send Clears all bits in the PMBus status registers (Register 0x78 to Register 0x7A) simultaneously. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |