Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 263 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 263 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 259Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 260Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 261Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 262Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 263Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 264Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 265Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 266Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 267Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 263 of 280
MB91520 Series
Page
Section
Change Results
36
■PIN Description
The following sentences modified under the Table of Pin description.
(Error)
*1:
For the I/O circuit types, see "■I/O CIRCUIT TYPE".
*2: For switching, see "I/O Port" in HARDWARE MANUAL.
(Correct)
*1: There is a restriction of pin functions. See "Pin Name" of this table.
*2: not supported in 64pin
*3: not supported in 80pin
*4: not supported in 100pin
*5: not supported in 120pin
*6: not supported in 144pin
*7: not supported in 176pin
*8:
For the I/O circuit types, see "■I/O CIRCUIT TYPE".
*9: For switching, see "I/O Port" in HARDWARE MANUAL.
39
■I/O Circuit Type
Remarks for Type I in "I/O Circuit Types" modified as follows:
(Error)
- 3V pad power supply (5V tolerant),
General-purpose I/O port
- Output 4mA
- CMOS hysteresis input
(Correct)
- General-purpose I/O port (5V tolerant)
- Output 4mA
- CMOS hysteresis input
40
■I/O Circuit Type
Remarks for Type J in "I/O Circuit Types" modified as follows:
(Error)
- 3V pad power supply (5V tolerant),
Analog input,General-purpose I/O port
- Output 4mA
- CMOS hysteresis input
(Correct)
- Analog input, General-purpose I/O port (5V tolerant)
- Output 4mA
- CMOS hysteresis input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com