Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 233 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 233 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 229Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 230Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 231Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 232Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 233Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 234Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 235Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 236Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 237Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 233 of 280
MB91520 Series
Page
Section
Change Results
Cypress Document Number: 002-04662
Rev *B
1
■Features
Corrected the following description.
∙ Clock generation (equipped with SSCG function)
∙ Main oscillation (4MHz to 16MHz)
∙ Sub oscillation (32kHz to 100kHz) or none sub oscillation
∙ PLL multiplication rate : 1 to 20 times
↓
∙ Clock generation (equipped with SSCG function)
∙ Main oscillation (4MHz to 16MHz)
∙ Sub oscillation (32kHz) or no sub oscillation
∙ PLL multiplication rate : 1 to 20 times
∙ Equipped with a 100kHz CR oscillator
2
■Features
Corrected the following description.
∙ Base timer : Max. 2 channels
∙16-bit timer
∙ Any of four PWM/PPG/PWC/reload timer functions can be selected and used
∙ A 32-bit timer can be used in 2 channels of cascade mode
↓
∙ Base timer : Max. 2 channels
∙ 16-bit timer
∙ Any of four PWM/PPG/PWC/reload timer functions can be selected and used
∙ As for the PWC function and the reload timer function, a pair of 16-bit timers
can be used as one 32-bit timer in the cascaded mode
6
■Product Lineup
Corrected the following description for Product lineup comparison(64 pin).
Multi-Function
Serial Interface
8ch
↓
Multi-Function
Serial Interface
8ch*1
6
■Product Lineup
Added the following sentences under Product lineup comparison(64 pin)
*1: Only channel 5, channel 6 and channel 11 support the I2C (standard mode).
7
■Product Lineup
Corrected the following description for Product lineup comparison(80 pin).
Multi-Function
Serial Interface
9ch
↓
Multi-Function
Serial Interface
9ch*1
7
■Product Lineup
Added the following sentences under Product lineup comparison(80 pin)
*1: Only channel 5, channel 6 and channel 11 support the I2C (standard mode).
8
■Product Lineup
Corrected the following description for Product lineup comparison(100 pin).
Multi-Function
Serial Interface
12ch
↓
Multi-Function
Serial Interface
12ch*1
8
■Product Lineup
Added the following sentences under Product lineup comparison(100 pin)
*1: Only channel 5, channel 6, channel 7, channel 8 and channel 11 support the
I2C (standard mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com