Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 184 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 184 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 180Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 181Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 182Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 183Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 184Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 185Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 186Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 187Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 188Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 184 of 280
MB91520 Series
(11) External bus I/F (asynchronous mode) timing
(TA: -40 °C to +105 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
(external load capacitance 50pF)
Parameter
Symbol
Pin Name
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
SYSCLK
25
-
ns
VCC = 5.0 V ± 10 %*1
31.25
VCC = 3.3 V ± 0.3 V
Address setup
→
RDX↑time
tASRH
RDX
A00 to A21
2×tCYC - 12
2×tCYC +
12
ns
RWT = 1,
set RWT to 1 or more. *2
RDX↑→
Address hold
tRHAH
tCYC - 12
tCYC + 12
ns
Set RDCS to 1 or more.
Data setup
→
RDX↑time
tDSRH
RDX
D16 to D31
18 +
tCYC
-
ns
RWT = 1,
set RWT to 1 or more.
RDX↑→
Data hold
tRHDH
0
-
ns
Address setup
→
WRnX↑time
tASWH
WR0X to
WR1X
A00 to A21
tCYC - 12
tCYC + 12
ns
WWT = 0 *2
WRnX↑→
Address hold
tWHAH
tCYC - 12
tCYC + 12
ns
Set WRCS to 1 or more.
Data setup
→
WRnX↑time
tDSWH
WR0X to
WR1X
D16 to D31
tCYC - 16
tCYC + 16
ns
WWT = 0 *2
WRnX↑→
Data hold
tWHDH
tCYC - 16
tCYC +
16
ns
Set WRCS to 1 or more.
Address setup →
ASX↑time
tMASASH
ASX
D16 to D31
tCYC-16
tCYC+ 16
ns
ASCY = 0
ASX↑→Address
hold
tMASHAH
tCYC-16
tCYC + 16
ns
In multiplex mode, set as follows:
Set CSWR and CSRD to 2 or
more.
ASCY must satisfy the following
conditions because of setting
ADCY > ASCY and protocol
violation prevention.
ADCY +1
≤ ACS + CSRD
ADCY +1
≤ ACS + CSWR
ASCY + 1
≤ ACS + CSRD
ASCY + 1
≤ ACS + CSWR
See Hardware Manual for details.
*1: Please use it with external load capacity 12 pF or less for VCC = 3.3 V ± 0.3 V (40 MHz operation).
*2: If the bus is expanded by automatic wait insertion or RDY input, add time (tCYC × the number of expanded cycles) to the rated
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com