Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 178 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 178 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 174Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 175Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 176Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 177Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 178Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 179Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 180Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 181Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 182Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 178 of 280
MB91520 Series
(5) Timer input timing
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTIWH,
tTIWL
TIN0 to TIN7
ICU0 to ICU9
FRCK0 to FRCK5
TIOA0, TIOA1,
TIOB0, TIOB1,
AIN0, AIN1,
BIN0, BIN1,
ZIN0, ZIN1
–
4tCPP
–
ns
Timer input timing
VIH
VIL
tTIWL
tTIWH
VIL
TINx,
ICUx,
FRCKx,
TIOAx,TIOBx
AINx,BINx,ZINx
VIH
(6) Trigger input timing
(TA: -40 °C to +125 °C, VCC = AVCC = 5.0 V ± 10 %/VCC = AVCC = 3.3 V ± 0.3 V, VSS = AVSS = 0.0 V)
Parameter
Symbol
Pin Name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTRGH,
tTRGL
INT0 to
INT15,
ADTG,
RX0,
RX1,
RX2
–
5tCPP
–
ns
1
–
μs
At stop mode
Trigger input timing
VIH
VIL
ADTG
tTRGL
tTRGH
VIL
INTx
RXx
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com