Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 128 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 128 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 124Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 125Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 126Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 127Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 128Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 129Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 130Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 131Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 132Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 128 of 280
MB91520 Series
Interrupt Factor
Interrupt Number
Interrupt
Level
Offset
Default
Address for
TBR
RN
Decimal
Hexa
Decimal
32-bit ICU5 (fetching/measurement)
57
39
ICR41
318H
000FFF18H
41
A/D converter
32/33/34/35/36/37/38/39/40/41/42/43/44/45/46/47
32-bit OCU 6/7/10/11 (match)
58
3A
ICR42
314H
000FFF14H
42
32-bit OCU8/9 (match)
59
3B
ICR43
310H
000FFF10H
43
Base timer 0 IRQ0
60
3C
ICR44
30CH
000FFF0CH
44
Base timer 0 IRQ1
Base timer 1 IRQ0
61
3D
ICR45
308H
000FFF08H
45
Base timer 1 IRQ1
-
-
DMAC 0/1/2/3/4/5/6/7/8/9/10/11/12/13/14/15
62
3E
ICR46
304H
000FFF04H
-
Delay interrupt
63
3F
ICR47
300H
000FFF00H
-
System reserved
(Used for REALOS)
64
40
-
2FCH
000FFEFCH
-
System reserved
(Used for REALOS)
65
41
-
2F8H
000FFEF8H
-
Used with the INT instruction
66
|
255
42
|
FF
-
2F4H
|
000H
000FFEF4H
|
000FFC00H
-
Note: It does not support a DMA transfer request caused by an interrupt generated from a peripheral to which no
RN (Resource Number) is assigned.
*1: It does not support a DMA transfer by the status of the multi-function serial interface and I2C reception.
*2: Reload timer ch.4 to ch.7 do not support a DMA transfer by the interrupt.
*3: PPG ch.24 to ch.47 do not support a DMA transfer by the interrupt.
*4: The clock calibration unit does not support a DMA transfer by the interrupt.
*5: 32-bit Free-run timer ch.3, ch.4 and ch.5 do not support a DMA transfer by the interrupt.
*6: There is no resource corresponding to the interrupt level.
*7: It does not support a DMA transfer by the external low-voltage detection interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com