Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F525FHDPMC Datasheet(PDF) 123 Page - Cypress Semiconductor

Part # MB91F525FHDPMC
Description  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525FHDPMC Datasheet(HTML) 123 Page - Cypress Semiconductor

Back Button MB91F525FHDPMC Datasheet HTML 119Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 120Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 121Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 122Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 123Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 124Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 125Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 126Page - Cypress Semiconductor MB91F525FHDPMC Datasheet HTML 127Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 123 of 280
MB91520 Series
Interrupt Factor
Interrupt Number
Interrupt
Level
Offset
Default
Address for
TBR
RN
Decimal Hexa Decimal
Multi-function serial interface
ch.8 (reception completed)
45
2D
ICR29
348H 000FFF48H
29*1
Multi-function serial interface
ch.8 (status)
16-bit ICU 0 (fetching) / 16-bit ICU 1 (fetching)
Main timer
46
2E
ICR30
344H 000FFF44H
30
Sub timer
PLL timer
Multi-function serial interface
ch.8 (transmission completed)
16-bit ICU 2 (fetching) /16-bit ICU 3 (fetching)
Clock calibration unit (sub oscillation)
47
2F
ICR31
340H 000FFF40H 31*1, *4
Multi-function serial interface
ch.9 (reception completed)
Multi-function serial interface
ch.9 (status)
A/D converter
0/1/7/9/10/11/12/13/14/15/16/
17/18/19/20/21/22/23/24/25/26/27/28/29/30/31
48
30
ICR32
33CH 000FFF3CH
32
Clock calibration unit ( CR oscillation)
49
31
ICR33
338H 000FFF38H
33
Multi-function serial interface
ch.9 (transmission completed)
16-bit OCU 0 (match) / 16-bit OCU 1 (match)
32-bit Free-run timer 4
50
32
ICR34
334H 000FFF34H
34*5
16-bit OCU 2 (match) / 16-bit OCU 3 (match)
32-bit Free-run timer 3/5
51
33
ICR35
330H 000FFF30H
35*5
16-bit OCU 4 (match) / 16-bit OCU 5 (match)
32-bit ICU6 (fetching/measurement)
52
34
ICR36
32CH 000FFF2CH 36*1
Multi-function serial interface
ch.10 (reception completed)
Multi-function serial interface
ch.10 (status)
32-bit ICU7 (fetching/measurement)
53
35
ICR37
328H 000FFF28H
37
Multi-function serial interface
ch.10 (transmission completed)
32-bit ICU8 (fetching/measurement)
54
36
ICR38
324H 000FFF24H
38*1
Multi-function serial interface
ch.11 (reception completed)
Multi-function serial interface
ch.11 (status)
32-bit ICU9 (fetching/measurement)
55
37
ICR39
320H 000FFF20H
39
WG dead timer underflow 0/1/2
WG dead timer reload 0/1/2
WG DTTI 0
32-bit ICU4 (fetching/measurement)
56
38
ICR40
31CH 000FFF1CH
40
Multi-function serial interface
ch.11 (transmission completed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com