| Electronic Components Datasheet Search |
|
TNETX15AE Datasheet(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15AE Datasheet(HTML) 34 Page - Texas Instruments |
|
34 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 34 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 uplink routing register, uplinkport at 0x6E (DIO) BIT 7 6 5 4 3 2 1 0 Reserved Uplink Initial values after reset 0 0 0 0 0 0 0 0 The uplinkport register routes selected packets to a user-selected port. This register is valid only when the destination address being looked up has the CUPLNK bit set. Then the TNETX15AE forwards frames to the port specified in the lookup table and the port specified in this register. The TNETX15AE masks (does not send frames to) the port that originated the frame. PRINCIPLES OF OPERATION The purpose of this section is to assist in the development of management operational code for the TNETX15AE. Management code is drastically simplified when using the TNETX15AE since it is designed to operate without the need for a management CPU. Many of the functions that were performed previously by a CPU are now integrated on the TNETX15AE. This section discusses the following topics: D A background on the TNETX15AE architecture, including the data-storage algorithm and the arbitration between logic operations D How to access the TNETX15AE registers through the DIO interface, and how these registers can be used to access the internal/external SRAM, the EEPROM, and any MII-managed devices D How to access the TNETX15AE through the DIO interface from a hardware reset, and do the steps needed to bring the TNETX15AE to an operational state D How to use the logic operations to perform management-based lookups, adds, and deletions. D How to use the TNETX15AE interrupt support to create event-driven management code. internal operation This section describes the TNETX15AE hardware and how it affects the programmer and the TNETX3150/TNETX3150A/TNETX3100 performance. The functionality described in this section is transparent to the user, but it is included to help the user become familiar with the TNETX15AE architecture and how it interfaces to the TNETX3150/TNETX3150A/TNETX3100 device. Refer to the latest TNETX3150/TNETX3150A/TNETX3100 documentation for additional information. EAM codings and in-order broadcasts (IOB) The TNETX15AE uses two styles of EAM codings – single-port and multiple-port codings. The TNETX3150/TNETX3150A/TNETX3100 treats these two types of coding differently. Single-port codings forward frames to a single port. The TNETX3150/TNETX3150A/TNETX3100 queues these frames to the port queue. Multiple-port codings forward frames to multiple ports. The TNETX3150/TNETX3150A/TNETX3100 creates an IOB list structure to queue this frame to multiple-port queues. IOB lists use more memory bandwidth than a regular list because IOB lists require the use of an extra 64-byte buffer to contain all queue pointers for the ports. If many small frames are sent to multiple ports, IOB structures then can use significant TNETX3150/TNETX3150A/TNETX3100 memory bandwidth. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |