| Electronic Components Datasheet Search |
|
TNETX15AE Datasheet(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15AE Datasheet(HTML) 5 Page - Texas Instruments |
|
5 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 general description bus watcher The bus watcher interfaces to the TNETX3150/TNETX3150A/TNETX3100 DRAM interface and extracts destination, source addresses, and the originating port number. The bus watcher is responsible for identifying the frame’s start-of-frame and end-of-frame tags. It also interfaces to the arbiter and the TNETX15AE logic to perform off-the-wire address LOOKUPs and ADDs. DIO interface The DIO interface enables an attached microprocessor to access the TNETX15AE internal registers. The DIO interface is used to select control modes, read statistics, receive interrupts, read/write to attached MII devices, read/write to an attached EEPROM, and perform management LOOKUPs, ADDs, and DELETEs. EEPROM interface The EEPROM interface allows accesses to the EEPROM. It also interfaces with the EEPROM for automatic loading of selected registers from the EEPROM at startup or reset. arbiter The arbiter manages the SRAM access for the TNETX15AE logic operations by assigning priorities to the logic operations. Wire lookups have the highest priority, followed by DELETEs, ADDs, management LOOKUPs, and AGEs. The individual logic operations request the bus by asserting a request signal. The arbiter grants the SRAM bus by controlling the SRAM-bus address/data multiplexer. SRAM address/data multiplexer (MUX) The address/data MUX is controlled by the arbiter and selects the logic operation that has ownership of the SRAM bus. TNETX15AE logic operations The TNETX15AE logic operations consist of LOOKUP, DELETE, ADD, FIND, and AGE operations. Each logic operation is assigned a priority on the SRAM bus and is controlled by the arbiter. The LOOKUP operation has the highest priority and is responsible for wire lookups. The DELETE operation is responsible for either deletes from the AGE operation or for management-delete requests. The ADD operation is responsible for wire adds as well as for management-add requests. The FIND operation is responsible for management searches of the lookup table. The AGE operation is responsible for deleting addresses that have no activity in a fixed time period. IEEE Std 1149.1 test port (JTAG) The test-access port is composed of five terminals that are used to interface serially with the device and the board on which it is installed for boundary-scan testing. The TNETX15AE is fully JTAG compliant, with the exception of requiring external pullup resistors on terminals TDI, TMS, and TRST. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |