| Electronic Components Datasheet Search |
|
TNETX15AE Datasheet(PDF) 48 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15AE Datasheet(HTML) 48 Page - Texas Instruments |
|
48 / 78 page ![]() TNETX15AE ADDRESS-LOOKUP DEVICE SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997 48 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION host (access) register space (continued) The next two bytes, DIO data and DIO data auto-increment, are used to read and write data to the byte-wide internal register selected in the DIOADR. Both DIO data and DIO data auto-increment can be used effectively to read and write the data, but the DIO data auto-increment register provides additional functionality over DIO data. Access to the DIO data auto-increment register provides a post-increment (by one) to the DIO address register. This is useful for reading/writing to a block of registers. As an example, to access a single-byte-wide register such as the SIO register (DIO address = 0x0A) the operations needed are: D Write a 0x00 to DIO address high D Write a 0x0A to DIO address low to select DIO address 0x0A D Read the SIO register by reading DIO data, or write to the SIO register by writing to DIO data. Multiple-byte registers are accessed by reading/writing to their individual bytes. The control register (DIO address 0x08–0x09) is accessed in the following manner: D Write a 0x00 to DIO address high D Write a 0x08 to DIO address low to select DIO address 0x08 D Read the least-significant byte of the control register by reading DIO data, or write to the least-significant byte of the control register by writing to DIO data. D Write a 0x00 to DIO address high D Write a 0x09 to DIO address low to select DIO address 0x09 D Read the most-significant byte of the control register by reading DIO data, or write to the most-significant byte of the control register by writing to DIO data. Improvement on the preceding steps is obtained by writing a 0x00 to DIO address high and changing only DIO address low. More steps can be eliminated by using the DIO data auto-increment register to read or write to contiguous register bytes. The following shows how to use the auto-incrementing function to access the control register. D Write a 0x00 to DIO address high D Write a 0x08 to DIO address low to select DIO address 0x08 D Read the least-significant byte of the control register by reading DIO data auto-increment or write to the least-significant byte of the control register by writing to DIO data auto-increment. The address in DIO address auto-increments to 0x0009. D Read the most-significant byte of the control register by reading DIO data auto-increment, or write to the most-significant byte of the control register by writing to DIO data auto-increment. The auto-incrementing function is useful when reading or writing to a large number of adjacent registers, such as the 48-bit address registers or when reading the statistics block. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |