Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX15AE Datasheet(PDF) 60 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 60 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 56Page - Texas Instruments TNETX15AE Datasheet HTML 57Page - Texas Instruments TNETX15AE Datasheet HTML 58Page - Texas Instruments TNETX15AE Datasheet HTML 59Page - Texas Instruments TNETX15AE Datasheet HTML 60Page - Texas Instruments TNETX15AE Datasheet HTML 61Page - Texas Instruments TNETX15AE Datasheet HTML 62Page - Texas Instruments TNETX15AE Datasheet HTML 63Page - Texas Instruments TNETX15AE Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
60
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
table-full aging
Table-full aging is implemented for applications that do not want to use aging based on time, but still require
aging. As its name implies, aging in this mode only happens when the lookup table is full and needs additional
room to add a new address. The ADD logic operation initiates an aging request when it determines that it does
not have enough tables to add the address it is working on. The time behaves differently in this mode. In table-full
aging, the age timer does not increment every second, but rather when a new address is added. There must
be a time difference between addresses to decide which is oldest, but a single count is sufficient. Since ADD
time stamps every time it sees an address come through the bus, nodes that are actively transmitting between
adds quickly move up to the same (new) age level. Those nodes that do not transmit remain at the lower age
stamps. It is these nodes that are deleted in table-full aging when the table is full.
DEL logic operation (management address deletions)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
Adddelcontrol
0x2C
Delnode23–Delnode16
Delnode31–Delnode24
Delnode39–Delnode32
Delnode47–Delnode40
0x48
Delnode7–Delnode0
Delnode15–Delnode8
0x4C
The DEL logic operation is controlled through the delnode and the adddelcontrol register. Management delete
commands are given through the DEL bit in the adddelcontrol register.
The steps for deleting a particular address (multicast or unicast) are as follows:
D Writing the node address in the delnode register
D Asserting the DEL bit in adddelcontrol
The DEL logic operation locks the delnode on all delete commands to ensure that they do not change during
the deletions. Reads to these registers are still possible. The DEL bit in adddelcontrol remains in the 1 state until
the deletion is complete.
Much like the management adds, having a sticky bit for DEL gives the programmer the opportunity to set up
or perform other register operations without having to wait for the delete completion. A polling method is used
to find out if the delete is finished. This involves reading adddelcontrol to determine if the command bit used
has returned to 0.
interrupts
The TNETX15AE implements interrupts to ease the management processor’s tasks. The interrupts are used
to indicate changes to the lookup table. It indicates that a new address is added, an address changed ports,
an address changed ports and is secure, and an address is deleted due to the aging process. The statistic
registers are half full (and the possibility for an overflow is present) and the lookup table is full. The TNETX15AE
indicates that interrupts to the CPU exist by setting to 1 its level-sensitive EINT terminal. The EINT terminal is
asserted when any of the possible interrupt conditions are met and the condition(s) is(are) enabled.
The interrupt register is readable at all times and contains all the current TNETX15AE interrupts. The interrupt
register is byte clearable. That is, the interrupt bits in a byte are cleared when that byte is read, whether the int
is masked or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com