Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX15AE Datasheet(PDF) 45 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 45 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 41Page - Texas Instruments TNETX15AE Datasheet HTML 42Page - Texas Instruments TNETX15AE Datasheet HTML 43Page - Texas Instruments TNETX15AE Datasheet HTML 44Page - Texas Instruments TNETX15AE Datasheet HTML 45Page - Texas Instruments TNETX15AE Datasheet HTML 46Page - Texas Instruments TNETX15AE Datasheet HTML 47Page - Texas Instruments TNETX15AE Datasheet HTML 48Page - Texas Instruments TNETX15AE Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
45
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
register spaces/external devices accessible through the TNETX15AE (continued)
Figure 12 shows the various register spaces provided by and accessed through the TNETX15AE.
Address High
DIO
MII I/F
EEPROM I/F
SRAM I/F
Address Low
Data
Data
Auto- Increment
SIO
RAM Addr
RAM Data
SRAM
(External)
Serial EEPROM
MII/PHYs
TNETX15AE
Access Registers
Internal
DIO Registers
Figure 12. Register Spaces Provided and Accessed Through the TNETX15AE
DIO interface
The DIO interface is asynchronous to allow easy adaptation to a range of microprocessor devices and computer
system
interfaces.
The
DIO
interface
is
designed
to
operate
from
the
same
bus
as
the
TNETX3150/TNETX3150A/TNETX3100 DIO interface. Thus, both devices are accessed using the same DIO
read and write routines. Each device is selected for DIO reads and writes through independent chip-select
signals. Chip select for the TNETX3150/TNETX3150A/TNETX3100 is named SCS, while chip select for the
TNETX15AE
is
named
ESCS.
Figure
13
shows
how
the
TNETX15AE
and
the
TNETX3150/TNETX3150A/TNETX3100 share the DIO interface.
Microprocessor
TNETX3150/TNETX3150A/
TNETX3100
EINT
TNETX15AE
SDATA7–SDATA0
SAD1–SAD0
SRNW
SRDY
ESCS
SCS
Figure 13. DIO Interface Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com