| Electronic Components Datasheet Search |
|
EM357-RTR Datasheet(PDF) 71 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Datasheet(HTML) 71 Page - Silicon Laboratories |
|
71 / 241 page ![]() 71 Rev 1.3 8.2. Configuration Before using a serial controller, configure and initialize it as follows: 1. Set up the parameters specific to the operating mode (master/slave for SPI, baud rate for UART, etc.). 2. Configure the GPIO pins used by the serial controller as shown in Tables 8.1 and 8.2. "7.2. Configuration" on page 51 shows how to configure GPIO pins. 3. If using DMA, set up the DMA and buffers. This is described fully in "8.7. DMA Channels" on page 101. 4. If using interrupts, select edge- or level-triggered interrupts with the SCx_INTMODE register, enable the desired second-level interrupt sources in the INT_SCxCFG register, and finally enable the top-level SCx interrupt in the NVIC. 5. Write the serial interface operating mode (SPI, TWI, or UART) to the SCx_MODE register. Table 8.1. SC1 GPIO Usage and Configuration PB1 PB2 PB3 PB4 SPI - Master SC1MOSI Alternate Output (push-pull) SC1MISO Input SC1SCLK Alternate Output (push-pull) (not used) SPI - Slave SC1MISO Alternate Output (push-pull) SC1MOSI Input SC1SCLK Input SC1nSSEL Input TWI - Master SC1SDA Alternate Output (open-drain) SC1SCL Alternate Output (open-drain) (not used) (not used) UART TXD Alternate Output (push-pull) RXD Input nCTS Input1 nRTS Alternate Output (push-pull)* *Note: used if RTS/CTS hardware flow control is enabled. Table 8.2. SC2 GPIO Usage and Configuration PA0 PA1 PA2 PA3 SPI - Master SC2MOSI Alternate Output (push-pull) SC2MISO Input SC2SCLK Alternate Output (push-pull) (not used) SPI - Slave SC2MOSI Input SC2MISO Alternate Output (push-pull) SC2SCLK Input SC2nSSEL Input TWI - Master (not used) SC2SDA Alternate Output (open-drain) SC2SCL Alternate Output (open-drain) (not used) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |