| Electronic Components Datasheet Search |
|
EM357-RTR Datasheet(PDF) 50 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
EM357-RTR Datasheet(HTML) 50 Page - Silicon Laboratories |
|
50 / 241 page ![]() Rev 1.3 50 7. GPIO (General Purpose Input/Output) The EM35x has 24 multipurpose GPIO pins, which may be individually configured as: General purpose output General purpose open-drain output Alternate output controlled by a peripheral device Alternate open-drain output controlled by a peripheral device Analog General purpose input General purpose input with pull-up or pull-down resistor The basic structure of a single GPIO is illustrated in GPIO Block DiagramFigure 7.1. Figure 7.1. GPIO Block Diagram A Schmitt trigger converts the GPIO pin voltage to a digital input value. The digital input signal is then always routed to the GPIO_PxIN register; to the alternate inputs of associated peripheral devices; to wake detection logic if wake detection is enabled; and, for certain pins, to interrupt generation logic. Configuring a pin in analog mode disconnects the digital input from the pin and applies a high logic level to the input of the Schmitt trigger. Only one device at a time can control a GPIO output. The output is controlled in normal output mode by the GPIO_PxOUT register and in alternate output mode by a peripheral device. When in input mode or analog mode, digital output is disabled. GPIO_PxIN GPIO_PxOUT GPIO_PxSET GPIO_PxCLR GPIO_PxWAKE GPIO_PxCFGH/L Alternate output Analog functions Wake detection PIN Alternate input VDD_PADS GND VDD_PADS GND Output control (push pull , open drain , or disabled ) Schmitt trigger VDD_PADS GND Protection diode Protection diode P-MOS N-MOS |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |