Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF132KB Datasheet(PDF) 7 Page - SPANSION

Part # MB9AF132KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF132KB Datasheet(HTML) 7 Page - SPANSION

Back Button MB9AF132KB Datasheet HTML 3Page - SPANSION MB9AF132KB Datasheet HTML 4Page - SPANSION MB9AF132KB Datasheet HTML 5Page - SPANSION MB9AF132KB Datasheet HTML 6Page - SPANSION MB9AF132KB Datasheet HTML 7Page - SPANSION MB9AF132KB Datasheet HTML 8Page - SPANSION MB9AF132KB Datasheet HTML 9Page - SPANSION MB9AF132KB Datasheet HTML 10Page - SPANSION MB9AF132KB Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
D a t a S h e e t
4
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
 Watchdog Timer (2channels)
A watchdog timer can generate interrupts or a reset when a time-out value is reached.
This series consists of two different watchdogs, a Hardware watchdog and a Software watchdog.
Hardware watchdog timer is clocked by built-in Low-speed CR oscillator. Therefore, Hardware watchdog is
active in any low power consumption mode except RTC and Stop and Deep Standby RTC and Deep
Standby Stop modes.
 Clock and Reset
[Clocks]
Five clock sources (2 external oscillators, 2 built-in CR oscillators, and Main PLL) that are dynamically
selectable.
 Main Clock:
4 MHz to 20 MHz
 Sub Clock:
32.768 kHz
 Built-in High-speed CR Clock:
4 MHz
 Built-in Low-speed CR Clock:
100 kHz
 Main PLL Clock
[Resets]
 Reset requests from INITX pin
 Power on reset
 Software reset
 Watchdog timers reset
 Low voltage detector reset
 Clock supervisor reset
 Clock Super Visor (CSV)
Clocks generated by built-in CR oscillators are used to supervise abnormality of the external clocks.
 If external clock failure (clock stop) is detected, reset is asserted.
 If external frequency anomaly is detected, interrupt or reset is asserted.
 Low Voltage Detector (LVD)
This Series include 2-stage monitoring of voltage on the VCC. When the voltage falls below the voltage has
been set, Low Voltage Detector generates an interrupt or reset.
 LVD1: error reporting via interrupt
 LVD2: auto-reset operation
 Low Power Consumption Mode
Six low power consumption modes supported.
 Sleep
 Timer
 RTC
 Stop
 Deep Standby RTC
 Deep Standby Stop
Back up register is 16 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com