Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF132KB Datasheet(PDF) 53 Page - SPANSION

Part # MB9AF132KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF132KB Datasheet(HTML) 53 Page - SPANSION

Back Button MB9AF132KB Datasheet HTML 49Page - SPANSION MB9AF132KB Datasheet HTML 50Page - SPANSION MB9AF132KB Datasheet HTML 51Page - SPANSION MB9AF132KB Datasheet HTML 52Page - SPANSION MB9AF132KB Datasheet HTML 53Page - SPANSION MB9AF132KB Datasheet HTML 54Page - SPANSION MB9AF132KB Datasheet HTML 55Page - SPANSION MB9AF132KB Datasheet HTML 56Page - SPANSION MB9AF132KB Datasheet HTML 57Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
D a t a S h e e t
50
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
(2) Pin Characteristics
(VCC = AVCC = 1.8V to 5.5V, VSS = AVSS = 0V, TA = - 40°C to + 85°C)
Parameter
Symbol Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
H level input
voltage
(hysteresis
input)
VIHS
MD0, MD1,
PE0, PE2,
PE3,
P46, P47,
INITX
-
VCC ×
0.8
-
VCC +
0.3
V
P21, P22,
P23,
P50, P51,
P52,
P80, P81,
P82
-
VCC×
0.7
-
VSS +
5.5
V
5V tolerant
CMOS
hysteresis
input pins
other than
the above
-
VCC ×
0.7
-
VCC +
0.3
V
L level input
voltage
(hysteresis
input)
VILS
MD0, MD1,
PE0, PE2,
PE3,
P46, P47,
INITX
-
VSS -
0.3
-
VCC×
0.2
V
CMOS
hysteresis
input pins
other than
the above
-
VSS -
0.3
-
VCC×
0.3
V
H level
output voltage
VOH
Pxx
VCC ≥ 4.5 V
IOH = - 4 mA
VCC -
0.5
-
VCC
V
VCC < 4.5 V
IOH = - 1 mA
VCC -
0.5
-
VCC
L level
output voltage
VOL
Pxx
VCC ≥ 4.5 V
IOL = 4 mA
VSS
-
0.4
V
VCC < 4.5 V
IOL = 2 mA
Input leak
current
IIL
-
-
- 5
-
+5
μA
Pull-up
resistance
value
RPU
Pull-up pin
VCC ≥ 4.5 V
25
50
100
kΩ
VCC < 4.5 V
40
100
400
Input
capacitance
CIN
Other than
VCC, VSS,
AVCC, AVSS,
AVRH
-
-
5
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com