Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF132KB Datasheet(PDF) 43 Page - SPANSION

Part # MB9AF132KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF132KB Datasheet(HTML) 43 Page - SPANSION

Back Button MB9AF132KB Datasheet HTML 39Page - SPANSION MB9AF132KB Datasheet HTML 40Page - SPANSION MB9AF132KB Datasheet HTML 41Page - SPANSION MB9AF132KB Datasheet HTML 42Page - SPANSION MB9AF132KB Datasheet HTML 43Page - SPANSION MB9AF132KB Datasheet HTML 44Page - SPANSION MB9AF132KB Datasheet HTML 45Page - SPANSION MB9AF132KB Datasheet HTML 46Page - SPANSION MB9AF132KB Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
D a t a S h e e t
40
MB9A130LB_DS706-00066-2v0-E, June 9, 2015
CONFIDENTIAL
 List of Pin Status
Function
group
Power-on
reset or
low voltage
detection
state
INITX input
state
Device
internal
reset state
Run mode
or Sleep
mode state
Timer mode,
RTC mode, or
Stop mode state
Deep Standby RTC
mode or Deep Standby
Stop mode state
Return
from Deep
Standby
mode state
Power
supply
unstable
Power supply stable
Power
supply
stable
Power supply stable
Power supply stable
Power
supply
stable
-
INITX = 0
INITX = 1
INITX = 1
INITX = 1
INITX = 1
INITX = 1
-
-
-
-
SPL = 0
SPL = 1
SPL = 0
SPL = 1
-
A
Main crystal
oscillator
input pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
External
main clock
input
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state /
When
oscillation
stop*
1,
output
maintain
previous
state /
Internal
input fixed
at 0
Hi-Z /
Input
enabled /
When
oscillation
stop*
1,
Hi-Z /
Internal
input fixed
at 0
Output
maintain
previous
state /
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
GPIO
selected
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Output
maintain
previous
state /
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
Output
maintain
previous
state /
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
Maintain
previous
state
B
Main crystal
oscillator
output pin
Hi-Z /
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
Hi-Z /
Internal
input fixed
at 0
Maintain
previous
state /
When
oscillation
stop*
1, Hi-Z
output /
Internal
input fixed
at 0
Maintain
previous
state /
When
oscillation
stop*
1, Hi-Z
output /
Internal
input fixed
at 0
Maintain
previous
state /
When
oscillation
stop*
1, Hi-Z
output /
Internal
input fixed
at 0
Maintain
previous
state /
When
oscillation
stop*
1, Hi-Z
output /
Internal
input fixed
at 0
Maintain
previous
state /
When
oscillation
stop*
1, Hi-Z
output /
Internal
input fixed
at 0
Maintain
previous
state /
When
oscillation
stop*
1, Hi-Z
output /
Internal
input fixed
at "0"
GPIO
selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z /
Internal
input fixed
at 0
Maintain
previous
state
Hi-Z /
Internal
input fixed
at 0
Maintain
previous
state
C
INITX
input pin
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled
Pull-up /
Input
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com