Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF132KB Datasheet(PDF) 52 Page - SPANSION

Part # MB9AF132KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF132KB Datasheet(HTML) 52 Page - SPANSION

Back Button MB9AF132KB Datasheet HTML 48Page - SPANSION MB9AF132KB Datasheet HTML 49Page - SPANSION MB9AF132KB Datasheet HTML 50Page - SPANSION MB9AF132KB Datasheet HTML 51Page - SPANSION MB9AF132KB Datasheet HTML 52Page - SPANSION MB9AF132KB Datasheet HTML 53Page - SPANSION MB9AF132KB Datasheet HTML 54Page - SPANSION MB9AF132KB Datasheet HTML 55Page - SPANSION MB9AF132KB Datasheet HTML 56Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
D a t a S h e e t
June 9, 2015, MB9A130LB_DS706-00066-2v0-E
49
CONFIDENTIAL
・ Low Voltage Detection Current
(VCC = AVCC = 1.8 V to 5.5 V, VSS = AVSS = 0 V, TA = - 40C to + 85C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ*
Max
Low-voltage
detection circuit
(LVD) power
supply current
ICCLVD
VCC
For occurrence of reset or for
occurrence of interrupt in normal
mode operation
10
20
μA
When not
detected
For occurrence of reset and for
occurrence of interrupt in normal
mode operation
14
30
μA
For occurrence of interrupt in
low-power mode operation
0.3
2
μA
When not
detected
*: When VCC=3.3 V
・ Flash Memory Current
(VCC = 1.8 V to 5.5 V, VSS = 0 V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Flash memory
write/erase
current
ICCFLASH
VCC
At Write/Erase
10.8
11.9
mA
・ A/D Converter Current
(VCC = AVCC = 1.8 V to 5.5 V, VSS = AVSS = 0 V, TA = - 40°C to + 85°C)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Typ
Max
Power supply
current
ICCAD
AVCC
At 1unit
operation
1.4
2.5
mA
At stop
0.1
0.35
μA
Reference power
supply current
ICCAVRH
AVRH
At 1unit
operation
AVRH=5.5 V
0.8
1.5
mA
At stop
0.1
0.3
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com