Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB9AF132KB Datasheet(PDF) 4 Page - SPANSION

Part # MB9AF132KB
Description  The MB9A130LB Series are highly integrated
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF132KB Datasheet(HTML) 4 Page - SPANSION

  MB9AF132KB Datasheet HTML 1Page - SPANSION MB9AF132KB Datasheet HTML 2Page - SPANSION MB9AF132KB Datasheet HTML 3Page - SPANSION MB9AF132KB Datasheet HTML 4Page - SPANSION MB9AF132KB Datasheet HTML 5Page - SPANSION MB9AF132KB Datasheet HTML 6Page - SPANSION MB9AF132KB Datasheet HTML 7Page - SPANSION MB9AF132KB Datasheet HTML 8Page - SPANSION MB9AF132KB Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
MB9A130LB Series
32-bit ARM
® Cortex®-M3 based Microcontroller
MB9AF131KB/LB, MB9AF132KB/LB
Data Sheet (Full Production)
Publication Number MB9A130LB-DS706-00066
Revision 2.0
Issue Date June 9, 2015
CONFIDENTIAL
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient
production volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the
valid combinations offered may occur.
 Description
The MB9A130LB Series are highly integrated 32-bit microcontrollers that dedicated for embedded
controllers with low-power consumption mode and competitive cost.
The MB9A130LB Series are based on the ARM Cortex-M3 Processor with on-chip Flash memory and
SRAM, and has peripheral functions such as Motor Control Timers, ADCs and Communication Interfaces
(UART, CSIO, I
2C).
The products which are described in this data sheet are placed into TYPE3 product categories in FM3
Family Peripheral Manual.
Note: ARM and Cortex are the registered trademarks of ARM Limited in the EU and other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com