Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37207M8-059SP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M37207M8-059SP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER?
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37207M8-059SP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M37207M8-059SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37207M8-059SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
6
Power source voltage
Power dissipation
Operating temperature range
Device structure
Package
CRT display
function
Number of display characters
Character display area
Kinds of character sizes
Kinds of character colors
Display position (horizontal, vertical)
M37207M8-XXXSP
Kinds of
characters
CRT ON
CRT OFF
CRT OFF
Functions
5 V ± 10 %
165 mW typ. (at oscillation frequency f(XIN) = 8 MHz, fOSC = 8 MHz)
82.5 mW typ. (at oscillation frequency f(XIN) = 8 MHz)
0.33 mW typ. (at oscillation frequency fCLK = 32 kHz, f(XIN) = stopped)
1.1 mW (maximum)
–10 °C to 70 °C
CMOS silicon gate process
64-pin shrink plastic molded DIP
80-pin plastic molded QFP
24 characters !3 lines (maximum 16 lines by software)
12 !16 dots
256 Kinds
384 Kinds
4 kinds
Maximum 15 kinds (R, G, B, I); can be specified by the character
64 levels (horizontal) ! 128 levels (vertical)
Parameter
FUNCTIONS (continued)
In high-speed
mode
In low-speed
mode
In stop mode
M37207MF-XXXSP, M37207M8-XXXSP
M37207EFSP
M37207MF-XXXFP, M37207EFFP
M37207MF-XXXSP/FP,
M37207EFSP/FP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com