Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV117118DCYR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV117118DCYR
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV117118DCYR Datasheet(HTML) 2 Page - Texas Instruments

  TLV117118DCYR Datasheet HTML 1Page - Texas Instruments TLV117118DCYR Datasheet HTML 2Page - Texas Instruments TLV117118DCYR Datasheet HTML 3Page - Texas Instruments TLV117118DCYR Datasheet HTML 4Page - Texas Instruments TLV117118DCYR Datasheet HTML 5Page - Texas Instruments TLV117118DCYR Datasheet HTML 6Page - Texas Instruments TLV117118DCYR Datasheet HTML 7Page - Texas Instruments TLV117118DCYR Datasheet HTML 8Page - Texas Instruments TLV117118DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TLV1171
SBVS177 – APRIL 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
TLV1171vvyyyz
VV is the nominal output voltage (for example, 33 = 3.3 V).
YYY is the package designator.
Z is the package quantity. Use R for reel (2500 pieces), and T for tape (250 pieces).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
At TJ = +25°C, unless otherwise noted. All voltages are with respect to GND.
VALUE
MIN
MAX
UNIT
Input voltage range, VIN
–0.3
+6.0
V
Voltage
Output voltage range, VOUT
–0.3
+6.0
V
Current
Maximum output current, IOUT
Internally limited
Output short-circuit duration
Indefinite
Continuous total power dissipation
PDISS
See Thermal Information Table
Operating junction, TJ
–55
+150
°C
Temperature
Storage, Tstg
–55
+150
°C
Human body model (HBM)
2
kV
QSS 009-105 (JESD22-A114A)
Electrostatic discharge (ESD)
ratings
Charged device model (CDM)
500
V
QSS 009-147 (JESD22-C101B.01)
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
THERMAL INFORMATION
TLV1171
THERMAL METRIC(1)
DCY (SOT223)
UNITS
3 PINS
θJA
Junction-to-ambient thermal resistance
62.9
θJCtop
Junction-to-case (top) thermal resistance
47.2
θJB
Junction-to-board thermal resistance
12.0
°C/W
ψJT
Junction-to-top characterization parameter
6.1
ψJB
Junction-to-board characterization parameter
11.9
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
space
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com