Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV117118DCYR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV117118DCYR
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV117118DCYR Datasheet(HTML) 5 Page - Texas Instruments

  TLV117118DCYR Datasheet HTML 1Page - Texas Instruments TLV117118DCYR Datasheet HTML 2Page - Texas Instruments TLV117118DCYR Datasheet HTML 3Page - Texas Instruments TLV117118DCYR Datasheet HTML 4Page - Texas Instruments TLV117118DCYR Datasheet HTML 5Page - Texas Instruments TLV117118DCYR Datasheet HTML 6Page - Texas Instruments TLV117118DCYR Datasheet HTML 7Page - Texas Instruments TLV117118DCYR Datasheet HTML 8Page - Texas Instruments TLV117118DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
1.9
1.85
1.8
1.75
1.7
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
V
= 1.8 V
I
= 10 mA
OUT
OUT
3.3
3.5
3.7
3.9
4.1 4.3
4.7
5.1
5.5
Input Voltage (V)
1.9
1.85
1.8
1.75
1.7
+85 C
+25 C
40 C
-
°
°
°
V
= 1.8 V
I
= 1 A
OUT
OUT
4.5
4.9
5.3
0
100
200
300
400
500
600
700
1000
Output Current (mA)
1.9
1.85
1.8
1.75
1.7
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
800
900
V
= 1.8 V
OUT
2
2.5
3
3.5
4
4.5
1200
1000
800
600
400
200
0
Input Voltage (V)
+85 C
+25 C
40 C
-
°
°
°
600
500
400
300
200
100
0
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
-40
-25
-10
5
20
35
65
95
125
Temperature (
)
C
°
1.9
1.85
1.8
1.75
1.7
V
= 1.8 V
OUT
50
80
110
10 mA
500 mA
TLV1171
www.ti.com
SBVS177 – APRIL 2012
TYPICAL CHARACTERISTICS
At TA = +25°C, VIN = VOUT(TYP) + 1.5 V; IOUT = 10 mA, and COUT = 1.0 μF, unless otherwise noted.
LINE REGULATION
LINE REGULATION
Figure 2.
Figure 3.
LOAD REGULATION
DROPOUT VOLTAGE vs INPUT VOLTAGE
Figure 4.
Figure 5.
DROPOUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE vs TEMPERATURE
Figure 6.
Figure 7.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com