Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV117118DCYR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV117118DCYR
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV117118DCYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV117118DCYR Datasheet HTML 6Page - Texas Instruments TLV117118DCYR Datasheet HTML 7Page - Texas Instruments TLV117118DCYR Datasheet HTML 8Page - Texas Instruments TLV117118DCYR Datasheet HTML 9Page - Texas Instruments TLV117118DCYR Datasheet HTML 10Page - Texas Instruments TLV117118DCYR Datasheet HTML 11Page - Texas Instruments TLV117118DCYR Datasheet HTML 12Page - Texas Instruments TLV117118DCYR Datasheet HTML 13Page - Texas Instruments TLV117118DCYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
V
= I
R
OUT
LIMIT
LOAD
´
TLV1171
SBVS177 – APRIL 2012
www.ti.com
APPLICATION INFORMATION
The TLV1171 is a low quiescent current linear regulator designed for high-current applications. Unlike typical
high-current linear regulators, the TLV1171 consumes significantly less quiescent current. The device delivers
excellent line and load transient performance. The TLV1171 is low noise, and exhibits a very good power-supply
rejection ratio (PSRR). As a result, the device is ideal for high-current applications that require very sensitive
power-supply rails.
The TLV1171 regulator offers both current limit and thermal protection. The device operating junction
temperature range is –40°C to +125°C.
INPUT AND OUTPUT CAPACITOR REQUIREMENTS
For stability, 1.0-
μF ceramic capacitors are required at the output. Higher-valued capacitors improve transient
performance. X5R- and X7R-type ceramic capacitors are recommended because these capacitors have minimal
variation in value and equivalent series resistance (ESR) over temperature. Unlike traditional linear regulators
that need a minimum ESR for stability, the TLV1171 is ensured to be stable with no ESR. Therefore, cost-
effective ceramic capacitors can be used with this device. Effective output capacitance that takes bias,
temperature, and aging effects into consideration must be greater than 0.5
μF to ensure device stability.
Although an input capacitor is not required for stability, it is good analog design practice to connect a 0.1-
μF to
1.0-
μF, low-ESR capacitor across the IN and GND pins of the regulator. This capacitor counteracts reactive input
sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor may be
necessary if large, fast, rise-time load transients are anticipated, or if the device is not located physically close to
the power source. If source impedance is greater than 2
Ω, a 0.1-μF input capacitor may also be necessary to
ensure stability.
BOARD LAYOUT RECOMMENDATIONS TO IMPROVE PSRR AND NOISE PERFORMANCE
Input and output capacitors should be placed as close to the device pins as possible. To improve characteristic
ac performance such as PSRR, output noise, and transient response, it is recommended that the board be
designed with separate ground planes for VIN and VOUT, with the ground plane connected only at the GND pin of
the device. In addition, the output capacitor ground connection should be connected directly to the device GND
pin. Higher-value ESR capacitors may degrade PSRR performance.
INTERNAL CURRENT LIMIT
The TLV1171 internal current limit helps to protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of the output voltage. In such a case, the
output voltage is not regulated and can be calculated by Equation 1:
(1)
The PMOS pass transistor dissipates [(VIN – VOUT) × ILIMIT] until thermal shutdown is triggered and the device
turns off. As the device cools down, it is turned on by the internal thermal shutdown circuit. If the fault condition
continues, the device cycles between current limit and thermal shutdown. See the Thermal Information section
for more details.
The PMOS pass element in the TLV1171 has a built-in body diode that conducts current when the voltage at
OUT exceeds the voltage at IN. This current is not limited; if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com