Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV117118DCYR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV117118DCYR
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV117118DCYR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV117118DCYR Datasheet HTML 4Page - Texas Instruments TLV117118DCYR Datasheet HTML 5Page - Texas Instruments TLV117118DCYR Datasheet HTML 6Page - Texas Instruments TLV117118DCYR Datasheet HTML 7Page - Texas Instruments TLV117118DCYR Datasheet HTML 8Page - Texas Instruments TLV117118DCYR Datasheet HTML 9Page - Texas Instruments TLV117118DCYR Datasheet HTML 10Page - Texas Instruments TLV117118DCYR Datasheet HTML 11Page - Texas Instruments TLV117118DCYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
50
s/div
m
I
OUT
V
OUT
1 mA
1 A
50
s/div
m
I
OUT
V
OUT
1 mA
1 A
200
s/div
m
V
IN
V
OUT
3.3 V
4.3 V
200
s/div
m
V
IN
V
OUT
3.3 V
4.3 V
200
s/div
m
V
IN
V
OUT
3.3 V
4.3 V
200
s/div
m
V
IN
V
OUT
3.3 V
5.5 V
TLV1171
SBVS177 – APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VIN = VOUT(TYP) + 1.5 V; IOUT = 10 mA, and COUT = 1.0 μF, unless otherwise noted.
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
(1 mA to 1 A, COUT = 1 μF)
(1 mA to 1 A, COUT = 10 μF)
Figure 20.
Figure 21.
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
(VOUT = 1.8 V, IOUT = 10 mA)
(VOUT = 1.8 V, IOUT = 500 mA)
Figure 22.
Figure 23.
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
(VOUT = 1.8 V, IOUT = 1 A)
(VOUT = 1.8 V, IOUT = 10 mA)
Figure 24.
Figure 25.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com