Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV117118DCYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV117118DCYR
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV117118DCYR Datasheet(HTML) 3 Page - Texas Instruments

  TLV117118DCYR Datasheet HTML 1Page - Texas Instruments TLV117118DCYR Datasheet HTML 2Page - Texas Instruments TLV117118DCYR Datasheet HTML 3Page - Texas Instruments TLV117118DCYR Datasheet HTML 4Page - Texas Instruments TLV117118DCYR Datasheet HTML 5Page - Texas Instruments TLV117118DCYR Datasheet HTML 6Page - Texas Instruments TLV117118DCYR Datasheet HTML 7Page - Texas Instruments TLV117118DCYR Datasheet HTML 8Page - Texas Instruments TLV117118DCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLV1171
www.ti.com
SBVS177 – APRIL 2012
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VIN = VOUT(TYP) + 1.5 V, IOUT = 10 mA, and COUT = 1.0 μF, unless otherwise noted.
TLV1171
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.0
5.5
V
VOUT > 2 V
–1.5
+1.5
%
VOUT
DC output accuracy
1.5 V
≤ VOUT < 2 V
–2
+2
%
1.2 V
≤ VOUT < 1.5 V
–40
+40
mV
ΔVO/ΔVIN
Line regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.5 V, IOUT = 10 mA
1
5
mV
ΔVO/ΔIOUT
Load regulation
0 mA
≤ IOUT ≤ 1 A
1
35
mV
IOUT = 200 mA
115
mV
IOUT = 500 mA
285
mV
VOUT < 3.3 V
IOUT = 800 mA
455
mV
IOUT = 1 A
570
800
mV
VDO
Dropout voltage(1)
VIN = 0.98 x VOUT(NOM)
IOUT = 200 mA
90
mV
IOUT = 500 mA
230
mV
VOUT ≥ 3.3 V
IOUT = 800 mA
365
mV
IOUT = 1 A
455
700
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
1.1
A
IQ
Quiescent current
IOUT = 0 mA
50
100
µA
PSRR
Power-supply rejection ratio
VIN = 3.3 V, VOUT = 1.8 V, IOUT = 500 mA, f = 100 Hz
65
dB
VN
Output noise voltage
BW = 10 Hz to 100 kHz, VIN = 2.8 V, VOUT = 1.8 V, IOUT = 500 mA
60
µVRMS
tSTR
Startup time(2)
COUT = 1.0 µF, IOUT = 1 A
100
µs
UVLO
Undervoltage lockout
VIN rising
1.95
V
Shutdown, temperature increasing
+165
°C
Thermal shutdown
TSD
temperature
Reset, temperature decreasing
+145
°C
Operating junction
TJ
–40
+125
°C
temperature
(1)
VDO is measured for devices with VOUT(NOM) = 2.5 V so that VIN = 2.45 V.
(2)
Startup time is the time from when VIN asserts to when output is sustained at a value greater than or equal to 0.98 × VOUT(NOM).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com