Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV117118DCYR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV117118DCYR
Description  1-A, Positive Fixed-Voltage, Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV117118DCYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV117118DCYR Datasheet HTML 2Page - Texas Instruments TLV117118DCYR Datasheet HTML 3Page - Texas Instruments TLV117118DCYR Datasheet HTML 4Page - Texas Instruments TLV117118DCYR Datasheet HTML 5Page - Texas Instruments TLV117118DCYR Datasheet HTML 6Page - Texas Instruments TLV117118DCYR Datasheet HTML 7Page - Texas Instruments TLV117118DCYR Datasheet HTML 8Page - Texas Instruments TLV117118DCYR Datasheet HTML 9Page - Texas Instruments TLV117118DCYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
600
500
400
300
200
100
0
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
3.3
3.5
3.7
3.9
4.1 4.3
4.7
5.1
5.5
Input Voltage (V)
1.8
1.78
1.76
1.74
1.72
1.7
1.68
1.66
1.64
1.62
1.6
4.5
4.9
5.3
+85 C
+25 C
40 C
-
°
°
°
10
100
1 k
100 k
1 M
10 M
Frequency (Hz)
90
80
70
60
50
40
30
20
10
0
10 k
V
V
= 3 V
-
IN
OUT
I
= 500 mA
I
= 150 mA
I
= 30 mA
OUT
OUT
OUT
10
100
1 k
100 k
1 M
10 M
Frequency (Hz)
90
80
70
60
50
40
30
20
10
0
10 k
V
V
= 1.5 V
-
IN
OUT
I
= 500 mA
I
= 150 mA
I
= 30 mA
OUT
OUT
OUT
0
100
200
300
400
500
600
700
800
900 1000
Output Current (mA)
90
80
70
60
50
40
30
20
10
0
V
V
= 1.5 V
-
IN
OUT
f = 120 Hz
f = 50 Hz
f = 10 kHz
f = 10 MHz
f = 1 kHz
f = 100 kHz
f = 1 MHz
10
1
0.1
0.01
0.001
10
100
1 k
10 k
100 k
1 M
10 M
Frequency (Hz)
TLV1171
SBVS177 – APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VIN = VOUT(TYP) + 1.5 V; IOUT = 10 mA, and COUT = 1.0 μF, unless otherwise noted.
QUIESCENT CURRENT vs OUTPUT CURRENT
CURRENT LIMIT vs INPUT VOLTAGE
Figure 8.
Figure 9.
PSRR vs FREQUENCY
PSRR vs FREQUENCY
Figure 10.
Figure 11.
PSRR vs OUTPUT CURRENT
SPECTRAL NOISE DENSITY vs FREQUENCY
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com