Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Note: Datasheet(PDF) 44 Page - Socay Electornics Co., Ltd.

Part # Note:
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

Note: Datasheet(HTML) 44 Page - Socay Electornics Co., Ltd.

Back Button Note: Datasheet HTML 40Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 41Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 42Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 43Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 44Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 45Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 46Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 47Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 48Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
www.socay.com
44
Axial Lead Transient Voltage Suppressors (TVS)
5KP Series
5.0 To 190 V
5000W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
5KP45
5KP45C
45.0
50.00
61.10
1
80.3
62.27
5
5KP45A
5KP45CA
45.0
50.00
55.30
1
72.7
68.78
5
5KP48
5KP48C
48.0
53.30
65.10
1
85.5
58.48
5
5KP48A
5KP48CA
48.0
53.30
58.90
1
77.4
64.60
5
5KP51
5KP51C
51.0
56.70
69.30
1
91.1
54.88
5
5KP51A
5KP51CA
51.0
56.70
62.70
1
82.4
60.68
5
5KP54
5KP54C
54.0
60.00
73.30
1
96.3
51.92
5
5KP54A
5KP54CA
54.0
60.00
66.30
1
87.1
57.41
5
5KP58
5KP58C
58.0
64.40
78.70
1
103.0
48.54
5
5KP58A
5KP58CA
58.0
64.40
71.20
1
93.6
53.42
5
5KP60
5KP60C
60.0
66.70
81.50
1
107.0
46.73
5
5KP60A
5KP60CA
60.0
66.70
73.70
1
96.8
51.65
5
5KP64
5KP64C
64.0
71.10
86.90
1
114.0
43.86
5
5KP64A
5KP64CA
64.0
71.10
78.60
1
103.0
48.54
5
5KP70
5KP70C
70.0
77.80
95.10
1
125.0
40.00
5
5KP70A
5KP70CA
70.0
77.80
86.00
1
113.0
44.25
5
5KP75
5KP75C
75.0
83.30
102.00
1
134.0
37.31
5
5KP75A
5KP75CA
75.0
83.30
92.10
1
121.0
41.32
5
5KP78
5KP78C
78.0
86.70
106.00
1
139.0
35.97
5
5KP78A
5KP78CA
78.0
86.70
95.80
1
126.0
39.68
5
5KP80
5KP80C
80.0
88.96
108.80
1
143.2
34.92
5
5KP80A
5KP80CA
80.0
88.80
97.60
1
129.6
38.58
5
5KP85
5KP85C
85.0
94.40
115.00
1
151.0
33.11
5
5KP85A
5KP85CA
85.0
94.40
104.00
1
137.0
36.50
5
5KP90
5KP90C
90.0
100.00
122.00
1
160.0
31.25
5
5KP90A
5KP90CA
90.0
100.00
111.00
1
146.0
34.25
5
5KP100
5KP100C
100.0
111.00
136.00
1
179.0
27.93
5
5KP100A
5KP100CA
100.0
111.00
123.00
1
162.0
30.86
5
5KP110
5KP110C
110.0
122.00
149.00
1
196.0
25.51
5
5KP110A
5KP110CA
110.0
122.00
135.00
1
177.0
28.25
5
5KP120
5KP120C
120.0
133.00
163.00
1
214.0
23.36
5
5KP120A
5KP120CA
120.0
133.00
147.00
1
193.0
25.91
5
5KP130
5KP130C
130.0
144.00
176.00
1
231.0
21.65
5
5KP130A
5KP130CA
130.0
144.00
159.00
1
209.0
23.92
5
5KP140
5KP140C
140.0
155.68
190.40
1
250.6
19.95
5
5KP140A
5KP140CA
140.0
155.00
171.00
1
226.8
22.05
5
5KP150
5KP150C
150.0
167.00
204.00
1
268.0
18.66
5
5KP150A
5KP150CA
150.0
167.00
185.00
1
243.0
20.58
5
5KP160
5KP160C
160.0
178.00
218.00
1
287.0
17.42
5
5KP160A
5KP160CA
160.0
178.00
197.00
1
259.0
19.31
5
5KP170
5KP170C
170.0
189.00
231.00
1
304.0
16.45
5
5KP170A
5KP170CA
170.0
189.00
209.00
1
275.0
18.18
5
5KP180
5KP180C
180.0
201.00
244.80
1
322.2
15.52
5
5KP180A
5KP180CA
180.0
201.00
220.00
1
291.6
17.15
5
5KP190
5KP190C
190.0
211.21
258.40
1
340.1
14.70
5
5KP190A
5KP190CA
190.0
211.00
232.00
1
307.8
16.24
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com