Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Note: Datasheet(PDF) 18 Page - Socay Electornics Co., Ltd.

Part # Note:
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

Note: Datasheet(HTML) 18 Page - Socay Electornics Co., Ltd.

Back Button Note: Datasheet HTML 14Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 15Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 16Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 17Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 18Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 19Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 20Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 21Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 22Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
www.socay.com
18
Surface Mount Transient Voltage Suppressors (TVS)
P6SMBSeries
6.8 To 600 V
600W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
P6SMB6.8A
P6SMB6.8CA
6V8A
6V8C
5.8
6.46
7.14
10
10.5
57.14
1000
P6SMB7.5A
P6SMB7.5CA
7V5A
7V5C
6.4
7.13
7.88
10
11.3
53.10
500
P6SMB8.2A
P6SMB8.2CA
8V2A
8V2C
7.0
7.79
8.61
10
12.1
49.59
200
P6SMB9.1A
P6SMB9.1CA
9V1A
9V1C
7.8
8.65
9.56
1
13.4
44.78
50
P6SMB10A
P6SMB10CA
10A
10C
8.6
9.50
10.50
1
14.5
41.38
10
P6SMB11A
P6SMB11CA
11A
11C
9.4
10.45
11.55
1
15.6
38.46
5
P6SMB12A
P6SMB12CA
12A
12C
10.2
11.40
12.60
1
16.7
35.93
5
P6SMB13A
P6SMB13CA
13A
13C
11.1
12.35
13.65
1
18.2
32.97
5
P6SMB15A
P6SMB15CA
15A
15C
12.8
14.25
15.75
1
21.2
28.30
5
P6SMB16A
P6SMB16CA
16A
16C
13.6
15.20
16.80
1
22.5
26.67
5
P6SMB18A
P6SMB18CA
18A
18C
15.3
17.10
18.90
1
25.2
23.81
5
P6SMB20A
P6SMB20CA
20A
20C
17.1
19.00
21.00
1
27.7
21.66
5
P6SMB22A
P6SMB22CA
22A
22C
18.8
20.90
23.10
1
30.6
19.61
5
P6SMB24A
P6SMB24CA
24A
24C
20.5
22.80
25.20
1
33.2
18.07
5
P6SMB27A
P6SMB27CA
27A
27C
23.1
25.65
28.35
1
37.5
16.00
5
P6SMB30A
P6SMB30CA
30A
30C
25.6
28.50
31.50
1
41.4
14.49
5
P6SMB33A
P6SMB33CA
33A
33C
28.2
31.35
34.65
1
45.7
13.13
5
P6SMB36A
P6SMB36CA
36A
36C
30.8
34.20
37.80
1
49.9
12.02
5
P6SMB39A
P6SMB39CA
39A
39C
33.3
37.05
40.95
1
53.9
11.13
5
P6SMB43A
P6SMB43CA
43A
43C
36.8
40.85
45.15
1
59.3
1012
5
P6SMB47A
P6SMB47CA
47A
47C
40.2
44.65
49.35
1
64.8
9.26
5
P6SMB51A
P6SMB51CA
51A
51C
43.6
48.45
53.55
1
70.1
8.56
5
P6SMB56A
P6SMB56CA
56A
56C
47.8
53.20
58.80
1
77.0
7.79
5
P6SMB62A
P6SMB62CA
62A
62C
53.0
58.90
65.10
1
85.0
7.06
5
P6SMB68A
P6SMB68CA
68A
68C
58.1
64.60
71.40
1
92.0
6.52
5
P6SMB75A
P6SMB75CA
75A
75C
64.1
71.25
78.75
1
103.0
5.83
5
P6SMB82A
P6SMB82CA
82A
82C
70.1
77.90
86.10
1
113.0
5.31
5
P6SMB91A
P6SMB91CA
91A
91C
77.8
86.45
95.55
1
125.0
4.80
5
P6SMB100A
P6SMB100CA
100A
100C
85.5
95.00
105.00
1
137.0
4.38
5
P6SMB110A
P6SMB110CA
110A
110C
94.0
104.50
115.50
1
152.0
3.95
5
P6SMB120A
P6SMB120CA
120A
120C
102.0
114.00
126.00
1
165.0
3.64
5
P6SMB130A
P6SMB130CA
130A
130C
111.0
123.50
136.50
1
179.0
3.35
5
P6SMB150A
P6SMB150CA
150A
150C
128.0
142.50
157.50
1
207.0
2.90
5
P6SMB160A
P6SMB160CA
160A
160C
136.0
152.00
168.00
1
219.0
2.74
5
P6SMB170A
P6SMB170CA
170A
170C
145.0
161.50
178.50
1
234.0
2.56
5
P6SMB180A
P6SMB180CA
180A
180C
154.0
171.00
189.00
1
246.0
2.44
5
P6SMB200A
P6SMB200CA
200A
200C
171.0
190.00
210.00
1
274.0
2.19
5
P6SMB220A
P6SMB220CA
220A
220C
185.0
209.00
231.00
1
328.0
1.83
5
P6SMB250A
P6SMB250CA
250A
250C
214.0
237.50
262.50
1
344.0
1.74
5
P6SMB300A
P6SMB300CA
300A
300C
256.0
285.00
315.00
1
414.0
1.45
5
P6SMB350A
P6SMB350CA
350A
350C
299.3
332.50
367.50
1
482.0
1.24
5
P6SMB380A
P6SMB380CA
380A
380C
324.9
361.00
399.00
1
524.4
1.14
5
P6SMB400A
P6SMB400CA
400A
400C
342.0
380.00
420.00
1
552.0
1.09
5
P6SMB440A
P6SMB440CA
440A
440C
376.2
418.00
462.00
1
607.2
0.99
5
P6SMB500A
P6SMB500CA
500A
500C
427.5
475.00
525.00
1
690.0
0.87
5
P6SMB520A
P6SMB520CA
520A
520C
444.6
494.00
546.00
1
717.6
0.84
5
P6SMB550A
P6SMB550CA
550A
550C
470.3
522.50
577.50
1
759.0
0.79
5
P6SMB600A
P6SMB600CA
600A
600C
513.0
570.00
630.00
1
828.0
0.72
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com