Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Note: Datasheet(PDF) 38 Page - Socay Electornics Co., Ltd.

Part # Note:
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

Note: Datasheet(HTML) 38 Page - Socay Electornics Co., Ltd.

Back Button Note: Datasheet HTML 34Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 35Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 36Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 37Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 38Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 39Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 40Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 41Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 42Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
www.socay.com
38
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE Series
6.8 To 600 V
1500W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
1.5KE91
1.5KE91C
73.7
81.90
100.10
1
131.0
11.45
5
1.5KE91A
1.5KE91CA
77.8
86.45
95.55
1
125.0
12.00
5
1.5KE100
1.5KE100C
81.0
90.00
110.00
1
144.0
10.42
5
1.5KE100A
1.5KE100CA
85.5
95.00
105.00
1
137.0
10.95
5
1.5KE110
1.5KE110C
89.2
99.00
121.00
1
158.0
9.49
5
1.5KE110A
1.5KE110CA
94.0
104.50
115.50
1
152.0
9.87
5
1.5KE120
1.5KE120C
97.2
108.00
132.00
1
173.0
8.67
5
1.5KE120A
1.5KE120CA
102.0
114.00
126.00
1
165.0
9.09
5
1.5KE130
1.5KE130C
105.0
117.00
143.00
1
187.0
8.02
5
1.5KE130A
1.5KE130CA
111.0
123.50
136.50
1
179.0
8.38
5
1.5KE150
1.5KE150C
121.0
135.00
165.00
1
215.0
6.98
5
1.5KE150A
1.5KE150CA
128.0
142.50
157.50
1
207.0
7.25
5
1.5KE160
1.5KE160C
130.0
144.00
176.00
1
230.0
6.52
5
1.5KE160A
1.5KE160CA
136.0
152.00
168.00
1
219.0
6.85
5
1.5KE170
1.5KE170C
138.0
153.00
187.00
1
244.0
6.15
5
1.5KE170A
1.5KE170CA
145.0
161.50
178.50
1
234.0
6.41
5
1.5KE180
1.5KE180C
146.0
162.00
198.00
1
258.0
5.81
5
1.5KE180A
1.5KE180CA
154.0
171.00
189.00
1
246.0
6.10
5
1.5KE200
1.5KE200C
162.0
180.00
220.00
1
287.0
5.23
5
1.5KE200A
1.5KE200CA
171.0
190.00
210.00
1
274.0
5.47
5
1.5KE220
1.5KE220C
175.0
198.00
242.00
1
344.0
4.36
5
1.5KE220A
1.5KE220CA
185.0
209.00
231.00
1
328.0
4.57
5
1.5KE250
1.5KE250C
202.0
225.00
275.00
1
360.0
4.17
5
1.5KE250A
1.5KE250CA
214.0
237.50
262.50
1
344.0
4.36
5
1.5KE300
1.5KE300C
243.0
270.00
330.00
1
430.0
3.49
5
1.5KE300A
1.5KE300CA
256.0
285.00
315.00
1
414.0
3.62
5
1.5KE350
1.5KE350C
284.0
315.00
385.00
1
504.0
2.98
5
1.5KE350A
1.5KE350CA
299.3
332.50
367.50
1
482.0
3.11
5
1.5KE380
1.5KE380C
308.6
342.00
418.00
1
547.2
2.74
5
1.5KE380A
1.5KE380CA
324.9
361.00
399.00
1
524.4
2.86
5
1.5KE400
1.5KE400C
324.8
360.00
440.00
1
576.0
2.60
5
1.5KE400A
1.5KE400CA
342.0
380.00
420.00
1
552.0
2.72
5
1.5KE440
1.5KE440C
357.3
396.00
484.00
1
633.6
2.37
5
1.5KE440A
1.5KE440CA
376.2
418.00
462.00
1
607.2
2.47
5
1.5KE500
1.5KE500C
406.0
450.00
550.00
1
720.0
2.08
5
1.5KE500A
1.5KE500CA
427.5
475.00
525.00
1
690.0
2.17
5
1.5KE520
1.5KE520C
422.2
468.00
572.00
1
748.8
2.00
5
1.5KE520A
1.5KE520CA
444.6
494.00
546.00
1
717.6
2.09
5
1.5KE550
1.5KE550C
446.6
495.00
605.00
1
792.0
1.89
5
1.5KE550A
1.5KE550CA
470.3
522.50
577.50
1
759.0
1.98
5
1.5KE600
1.5KE600C
487.2
540.00
660.00
1
864.0
1.74
5
1.5KE600A
1.5KE600CA
513.0
570.00
630.00
1
828.0
1.81
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com