Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Note: Datasheet(PDF) 25 Page - Socay Electornics Co., Ltd.

Part # Note:
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

Note: Datasheet(HTML) 25 Page - Socay Electornics Co., Ltd.

Back Button Note: Datasheet HTML 21Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 22Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 23Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 24Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 25Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 26Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 27Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 28Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 29Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
www.socay.com
25
Surface Mount Transient Voltage Suppressors (TVS)
SM8S Series
10 To 43 V
6600W
u
Junction passivation optimized design passivated anisotropic
rectifier technology
u
TJ=175°C capability suitable for high reliability and automotive
requirement
u
Available in uni-directional polarity only
u
Low leakage current
u
Low forward voltage drop
u
High surge capability
u
Meets ISO7637-2 surge specification (varied by test condition)
u
Meets MSL level 1,
per J-STD-020,
LF maximum peak of
245
°C
u
AEC-Q101 qualified
u
Compliant to RoHS Directive 2002/95/EC and in accordance to
WEEE 2002/96/EC
DO-218AB
Dimensions
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com