Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Note: Datasheet(PDF) 31 Page - Socay Electornics Co., Ltd.

Part # Note:
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

Note: Datasheet(HTML) 31 Page - Socay Electornics Co., Ltd.

Back Button Note: Datasheet HTML 27Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 28Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 29Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 30Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 31Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 32Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 33Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 34Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 35Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
www.socay.com
31
Axial Lead Transient Voltage Suppressors (TVS)
SA Series
5.0 To 190 V
500W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SA5.0
SA5.0C
5.0
6.40
7.30
10
9.6
52.08
600
SA5.0A
SA5.0CA
5.0
6.40
7.00
10
9.2
54.35
600
SA6.0
SA6.0C
6.0
6.67
8.15
10
11.4
43.86
600
SA6.0A
SA6.0CA
6.0
6.67
7.37
10
10.3
48.54
600
SA6.5
SA6.5C
6.5
7.22
8.82
10
12.3
40.65
400
SA6.5A
SA6.5CA
6.5
7.22
7.98
10
11.2
44.64
400
SA7.0
SA7.0C
7.0
7.78
9.51
10
13.3
37.59
150
SA7.0A
SA7.0CA
7.0
7.78
8.60
10
12.0
41.67
150
SA7.5
SA7.5C
7.5
8.33
10.20
1
14.3
34.97
50
SA7.5A
SA7.5CA
7.5
8.33
9.21
1
12.9
38.76
50
SA8.0
SA8.0C
8.0
8.89
10.90
1
15.0
33.33
25
SA8.0A
SA8.0CA
8.0
8.89
9.83
1
13.6
36.76
25
SA8.5
SA8.5C
8.5
9.44
11.50
1
15.9
31.45
5
SA8.5A
SA8.5CA
8.5
9.44
10.40
1
14.4
34.72
5
SA9.0
SA9.0C
9.0
10.00
12.20
1
16.9
29.59
5
SA9.0A
SA9.0CA
9.0
10.00
11.10
1
15.4
32.47
5
SA10
SA10C
10.0
11.10
13.60
1
18.8
26.60
5
SA10A
SA10CA
10.0
11.10
12.30
1
17.0
29.41
5
SA11
SA11C
11.0
12.20
14.90
1
20.1
24.88
5
SA11A
SA11CA
11.0
12.20
13.50
1
18.2
27.47
5
SA12
SA12C
12.0
13.30
16.30
1
22.0
22.73
5
SA12A
SA12CA
12.0
13.30
14.70
1
19.9
25.13
5
SA13
SA13C
13.0
14.40
17.60
1
23.8
21.01
5
SA13A
SA13CA
13.0
14.40
15.90
1
21.5
23.26
5
SA14
SA14C
14.0
15.60
19.10
1
25.8
19.38
5
SA14A
SA14CA
14.0
15.60
17.20
1
23.2
21.55
5
SA15
SA15C
15.0
16.70
20.40
1
26.9
18.59
5
SA15A
SA15CA
15.0
16.70
18.50
1
24.4
20.49
5
SA16
SA16C
16.0
17.80
21.80
1
28.8
17.36
5
SA16A
SA16CA
16.0
17.80
19.70
1
26.0
19.23
5
SA17
SA17C
17.0
18.90
23.10
1
30.5
16.39
5
SA17A
SA17CA
17.0
18.90
20.90
1
27.6
18.12
5
SA18
SA18C
18.0
20.00
24.40
1
32.2
15.53
5
SA18A
SA18CA
18.0
20.00
22.10
1
29.2
17.12
5
SA19
SA19C
19.0
21.13
25.76
1
34.0
14.70
5
SA19A
SA19CA
19.0
21.10
23.30
1
30.8
16.24
5
SA20
SA20C
20.0
22.20
27.10
1
35.8
13.97
5
SA20A
SA20CA
20.0
22.20
24.50
1
32.4
15.43
5
SA22
SA22C
22.0
24.40
29.80
1
39.4
12.69
5
SA22A
SA22CA
22.0
24.40
26.90
1
35.5
14.08
5
SA24
SA24C
24.0
26.70
32.60
1
43.0
11.63
5
SA24A
SA24CA
24.0
26.70
29.50
1
38.9
12.85
5
SA26
SA26C
26.0
28.90
35.30
1
46.6
10.73
5
SA26A
SA26CA
26.0
28.90
31.90
1
42.1
11.88
5
SA28
SA28C
28.0
31.10
38.00
1
50.0
10.00
5
SA28A
SA28CA
28.0
31.10
34.40
1
45.4
11.01
5
SA30
SA30C
30.0
33.30
40.70
1
53.5
9.35
5
SA30A
SA30CA
30.0
33.30
36.80
1
48.4
10.33
5
SA33
SA33C
33.0
36.70
44.90
1
59.0
8.47
5
SA33A
SA33CA
33.0
36.70
40.60
1
53.3
9.38
5
SA36
SA36C
36.0
40.00
48.90
1
64.3
7.78
5
SA36A
SA36CA
36.0
40.00
44.20
1
58.1
8.61
5
SA40
SA40C
40.0
44.40
54.30
1
71.4
7.00
5
SA40A
SA40CA
40.0
44.40
49.10
1
64.5
7.75
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com