Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Note: Datasheet(PDF) 20 Page - Socay Electornics Co., Ltd.

Part # Note:
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

Note: Datasheet(HTML) 20 Page - Socay Electornics Co., Ltd.

Back Button Note: Datasheet HTML 16Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 17Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 18Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 19Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 20Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 21Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 22Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 23Page - Socay Electornics Co., Ltd. Note: Datasheet HTML 24Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
www.socay.com
20
Surface Mount Transient Voltage Suppressors (TVS)
1.5SMC Series
6.8 To 600 V
1500W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
1.5SMC6.8A
1.5SMC6.8CA
6V8A
6V8C
5.8
6.46
7.14
10
10.5
142.86
1000
1.5SMC7.5A
1.5SMC7.5CA
7V5A
7V5C
6.4
7.13
7.88
10
11.3
132.74
500
1.5SMC8.2A
1.5SMC8.2CA
8V2A
8V2C
7.0
7.79
8.61
10
12.1
123.97
200
1.5SMC9.1A
1.5SMC9.1CA
9V1A
9V1C
7.8
8.65
9.56
1
13.4
111.94
50
1.5SMC10A
1.5SMC10CA
10A
10C
8.6
9.50
10.50
1
14.5
103.45
10
1.5SMC11A
1.5SMC11CA
11A
11C
9.4
10.45
11.55
1
15.6
96.15
5
1.5SMC12A
1.5SMC12CA
12A
12C
10.2
11.40
12.60
1
16.7
89.82
5
1.5SMC13A
1.5SMC13CA
13A
13C
11.1
12.35
13.65
1
18.2
82.42
5
1.5SMC15A
1.5SMC15CA
15A
15C
12.8
14.25
15.75
1
21.2
70.75
5
1.5SMC16A
1.5SMC16CA
16A
16C
13.6
15.20
16.80
1
22.5
66.67
5
1.5SMC18A
1.5SMC18CA
18A
18C
15.3
17.10
18.90
1
25.2
59.52
5
1.5SMC20A
1.5SMC20CA
20A
20C
17.1
19.00
21.00
1
27.7
54.15
5
1.5SMC22A
1.5SMC22CA
22A
22C
18.8
20.90
23.10
1
30.6
49.02
5
1.5SMC24A
1.5SMC24CA
24A
24C
20.5
22.80
25.20
1
33.2
45.18
5
1.5SMC27A
1.5SMC27CA
27A
27C
23.1
25.65
28.35
1
37.5
40.00
5
1.5SMC30A
1.5SMC30CA
30A
30C
25.6
28.50
31.50
1
41.4
36.23
5
1.5SMC33A
1.5SMC33CA
33A
33C
28.2
31.35
34.65
1
45.7
32.82
5
1.5SMC36A
1.5SMC36CA
36A
36C
30.8
34.20
37.80
1
49.9
30.06
5
1.5SMC39A
1.5SMC39CA
39A
39C
33.3
37.05
40.95
1
53.9
27.83
5
1.5SMC43A
1.5SMC43CA
43A
43C
36.8
40.85
45.15
1
59.3
25.30
5
1.5SMC47A
1.5SMC47CA
47A
47C
40.2
44.65
49.35
1
64.8
23.15
5
1.5SMC51A
1.5SMC51CA
51A
51C
43.6
48.45
53.55
1
70.1
21.40
5
1.5SMC56A
1.5SMC56CA
56A
56C
47.8
53.20
58.80
1
77.0
19.48
5
1.5SMC62A
1.5SMC62CA
62A
62C
53.0
58.90
65.10
1
85.0
17.65
5
1.5SMC68A
1.5SMC68CA
68A
68C
58.1
64.60
71.40
1
92.0
16.30
5
1.5SMC75A
1.5SMC75CA
75A
75C
64.1
71.25
78.75
1
103.0
14.56
5
1.5SMC82A
1.5SMC82CA
82A
82C
70.1
77.90
86.10
1
113.0
13.27
5
1.5SMC91A
1.5SMC91CA
91A
91C
77.8
86.45
95.55
1
125.0
12.00
5
1.5SMC100A
1.5SMC100CA
100A
100C
85.5
95.00
105.00
1
137.0
10.95
5
1.5SMC110A
1.5SMC110CA
110A
110C
94.0
104.50
115.50
1
152.0
9.87
5
1.5SMC120A
1.5SMC120CA
120A
120C
102.0
114.00
126.00
1
165.0
9.09
5
1.5SMC130A
1.5SMC130CA
130A
130C
111.0
123.50
136.50
1
179.0
8.38
5
1.5SMC150A
1.5SMC150CA
150A
150C
128.0
142.50
157.50
1
207.0
7.25
5
1.5SMC160A
1.5SMC160CA
160A
160C
136.0
152.00
168.00
1
219.0
6.85
5
1.5SMC170A
1.5SMC170CA
170A
170C
145.0
161.50
178.50
1
234.0
6.41
5
1.5SMC180A
1.5SMC180CA
180A
180C
154.0
171.00
189.00
1
246.0
6.10
5
1.5SMC200A
1.5SMC200CA
200A
200C
171.0
190.00
210.00
1
274.0
5.47
5
1.5SMC220A
1.5SMC220CA
220A
220C
185.0
209.00
231.00
1
328.0
4.57
5
1.5SMC250A
1.5SMC250CA
250A
250C
214.0
237.50
262.50
1
344.0
4.36
5
1.5SMC300A
1.5SMC300CA
300A
300C
256.0
285.00
315.00
1
414.0
3.62
5
1.5SMC350A
1.5SMC350CA
350A
350C
299.3
332.50
367.50
1
482.0
3.11
5
1.5SMC380A
1.5SMC380CA
380A
380C
324.9
361.00
399.00
1
524.4
2.86
5
1.5SMC400A
1.5SMC400CA
400A
400C
342.0
380.00
420.00
1
552.0
2.72
5
1.5SMC440A
1.5SMC440CA
440A
440C
376.2
418.00
462.00
1
607.2
2.47
5
1.5SMC500A
1.5SMC500CA
500A
500C
427.5
475.00
525.00
1
690.0
2.17
5
1.5SMC520A
1.5SMC520CA
520A
520C
444.6
494.00
546.00
1
717.6
2.09
5
1.5SMC550A
1.5SMC550CA
550A
550C
470.3
522.50
577.50
1
759.0
1.98
5
1.5SMC600A
1.5SMC600CA
600A
600C
513.0
570.00
630.00
1
828.0
1.81
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com