Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVG5A503C03 Datasheet(PDF) 43 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A503C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A503C03 Datasheet(HTML) 43 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A503C03 Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 40Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 41Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 42Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 43Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 44Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 45Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 46Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 55 page
background image
2.5 2.5
#1
#2
#3
9.6
1.3
3-0.5±0.1 Dia.
2.0 Dia.
0.6
1.2
Marking
#2
#3
#1
(Wiper)
Clockwise
Tolerance : ±0.3
in mm
()
PV36W
#1
#2
#3
9.6
1.3
0.7
3-0.5±0.1 Dia.
2.5 2.5
1.2
Marking
#2
#3
#1
(Wiper)
Clockwise
Tolerance : ±0.3
in mm
()
PV36X
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/°C)
PV36W100C01
0.5(70°C)
25
10ohm±10%
±150
PV36W200C01
0.5(70°C)
25
20ohm±10%
±150
PV36W500C01
0.5(70°C)
25
50ohm±10%
±150
PV36W101C01
0.5(70°C)
25
100ohm±10%
±150
PV36W201C01
0.5(70°C)
25
200ohm±10%
±100
PV36W501C01
0.5(70°C)
25
500ohm±10%
±100
PV36W102C01
0.5(70°C)
25
1k ohm±10%
±100
PV36W202C01
0.5(70°C)
25
2k ohm±10%
±100
PV36W502C01
0.5(70°C)
25
5k ohm±10%
±100
PV36W103C01
0.5(70°C)
25
10k ohm±10%
±100
PV36W203C01
0.5(70°C)
25
20k ohm±10%
±100
PV36W503C01
0.5(70°C)
25
50k ohm±10%
±100
PV36W104C01
0.5(70°C)
25
100k ohm±10%
±100
PV36W204C01
0.5(70°C)
25
200k ohm±10%
±100
PV36W504C01
0.5(70°C)
25
500k ohm±10%
±100
PV36W105C01
0.5(70°C)
25
1M ohm±10%
±100
PV36W205C01
0.5(70°C)
25
2M ohm±10%
±100
Operating Temperature Range: -55 to 125 °C
Soldering Method: Flow/Soldering Iron
R50E.pdf
Jul.23,2012
41
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
7
PV36 Series
Top Adjustment
c Features
1. High resolution 25-turns potentiometer enables
precision adjustment easily.
2. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
3. Available for ultrasonic cleaning after soldering.
4. Clutch mechanism prevents excessive wiper rotation.
5. Both top and side adjustment directions.
6. Complies with RoHS directive by new Cd free cermet
resistive material. Pb free terminals with
Sn plating.
c Applications
1. Measuring instruments 4. Power supply
2. OA equipment
5. Base station for cellular phones
3. Medical equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com