Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVG5A503C03 Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A503C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A503C03 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A503C03 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
Driver Plate
Wiper
Resistive Element
(Carbon)
Resin Substrate
#2-Terminal
#3-Terminal
#1-Terminal
c Construction
PVZ3K
1.5
0.5
3.0
3.0
Dia
Tolerance : ±0.1
(
in mm)
c Standard Land Pattern
PVZ3K
Res. Change: +10, -2%
Res. Change: R<100kohm···+2, -10%
100kohm<R···+2, -15%
Res. Change: ±10%
Res. Change: R<100kohm···+2, -10%
100kohm<R···+2, -15%
Res. Change: ±5%
Res. Change: ±10% (10 cycles)
Humidity Exposure
High Temperature
Exposure
Humidity Load Life
Load Life
Temperature Cycle
Rotational Life
=
=
c Characteristics
R50E.pdf
Jul.23,2012
13
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
Continued from the preceding page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com