Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVG5A503C03 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A503C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A503C03 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A503C03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
Trimmer Potentiometers
SMD Open Type 2mm Size PVZ2/PVA2 Series
2.1
0.8±0.05
0.5
0.4
0.8
2.4 Dia.
#2
0.7
#1
#3
∗1
∗1 Driver Plate Rotation Area:
Please do not place any components
more than 0.5mm in height within this area.
0.55
0.55
Soldering Part
(
Tolerance: ±0.2)
in mm
#2
#1
#3
CLOCKWISE
PVZ2A
(Tolerance : ±0.2)
in mm
#2
#1
#3
CLOCKWISE
2.1
0.6 0.65
0.65
0.8
0.8
+0.10
-0.15
Soldering
Part
#2
#1
#3
2.4 Dia.
∗1: Driver Plate Rotation Area
∗1
PVZ2R
Operating Temperature Range: -25 to 85 °C
Soldering Method: Reflow/Soldering Iron
PVZ2 Series
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVZ2
p471C04
0.05(50°C)
1(240°±10°)
Endless
470ohm±30%
±500
PVZ2
p102C04
0.05(50°C)
1(240°±10°)
Endless
1k ohm±30%
±500
PVZ2
p222C04
0.05(50°C)
1(240°±10°)
Endless
2.2k ohm±30%
±500
PVZ2
p472C04
0.05(50°C)
1(240°±10°)
Endless
4.7k ohm±30%
±500
PVZ2
p103C04
0.05(50°C)
1(240°±10°)
Endless
10k ohm±30%
±500
PVZ2
p223C04
0.05(50°C)
1(240°±10°)
Endless
22k ohm±30%
±500
PVZ2
p473C04
0.05(50°C)
1(240°±10°)
Endless
47k ohm±30%
±500
PVZ2
p104C04
0.05(50°C)
1(240°±10°)
Endless
100k ohm±30%
±500
PVZ2
p224C04
0.05(50°C)
1(240°±10°)
Endless
220k ohm±30%
±500
PVZ2
p474C04
0.05(50°C)
1(240°±10°)
Endless
470k ohm±30%
±500
PVZ2
p105C04
0.05(50°C)
1(240°±10°)
Endless
1M ohm±30%
±500
R50E.pdf
Jul.23,2012
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
c Features
1. Ultra-small and thin external dimensions of
2.1(W)x2.7(L)x0.85 max. (T)mm.
(Top adjustment type: PVZ2A_C04 Series)
2. Ultra-small and thin external dimensions of
2.1(W)x4.8(L)x0.9 max. (T)mm.
(Rear adjustment type: PVZ2R_C04 Series)
Compact PCB design is possible by smaller
adjustment hole (3.0mm dia.) due to short wing
length (4.8mm).
3. Au plated termination achieves a high-density
PCB mounting.
4. Cross-shaped driver slot allows for in-process
automatic adjustment and it provides superior
adjustability.
5. Two-piece parts construction achieves low cost and
excellent quality.
6. Special resin substrate allows high peak temperature
for reflow soldering (PVZ2_Cxx Series).
7. PVZ2 series complies with RoHS directive.
c Applications
1. Pick-up module
6. DVC
2. LCD
7. Digital camera
3. Cellular phone
8. Portable audio, etc.
4. PHS
9. RKE
5. Pager
10. E-Book



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com