Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVG5A503C03 Datasheet(PDF) 23 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A503C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A503C03 Datasheet(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A503C03 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
Trimmer Potentiometers
SMD Sealed Type 4mm Size PVM4 Series
#2
#1
#3
CLOCKWISE
#1
#2
#3
4.0
2.0±0.2
0.7
0.75
0.55±0.1
0.6
0.85
1.8
0.85
0.35±0.1 Depth
1.7
3.8 Dia.
1.5 Dia.
Tolerance : ±0.3
(
in mm)
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVM4A101C01
0.1(70°C)
1(240°±10°)
Endless
100ohm±25%
±250
PVM4A201C01
0.1(70°C)
1(240°±10°)
Endless
200ohm±25%
±250
PVM4A501C01
0.1(70°C)
1(240°±10°)
Endless
500ohm±25%
±250
PVM4A102C01
0.1(70°C)
1(240°±10°)
Endless
1k ohm±25%
±250
PVM4A202C01
0.1(70°C)
1(240°±10°)
Endless
2k ohm±25%
±250
PVM4A502C01
0.1(70°C)
1(240°±10°)
Endless
5k ohm±25%
±250
PVM4A103C01
0.1(70°C)
1(240°±10°)
Endless
10k ohm±25%
±250
PVM4A203C01
0.1(70°C)
1(240°±10°)
Endless
20k ohm±25%
±250
PVM4A503C01
0.1(70°C)
1(240°±10°)
Endless
50k ohm±25%
±250
PVM4A104C01
0.1(70°C)
1(240°±10°)
Endless
100k ohm±25%
±250
PVM4A204C01
0.1(70°C)
1(240°±10°)
Endless
200k ohm±25%
±250
PVM4A504C01
0.1(70°C)
1(240°±10°)
Endless
500k ohm±25%
±250
PVM4A105C01
0.1(70°C)
1(240°±10°)
Endless
1M ohm±25%
±250
PVM4A205C01
0.1(70°C)
1(240°±10°)
Endless
2M ohm±25%
±250
Operating Temperature Range: -55 to 125 °C
Soldering Method: Flow/Reflow/Soldering Iron
R50E.pdf
Jul.23,2012
21
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
Top Adjustment (Standard Type)
c Features
1. Sealed construction protects the interior from dust
and liquid, which achieves stable performance.
2. Available for flow and reflow soldering methods
while maintaining unique sealed construction.
3. Simple construction of 3-piece parts achieves high
reliability.
4. Large diameter slot of rotor improves driver
insertion.
5. Available for cleaning after soldering.
6. High grade version is available (PVM4AxxxD01).
7. Complies with RoHS directive by new Cd free
cermet resistive material. Pb free terminals with
Sn plating.
c Applications
1. Security
5. Encoders
2. OA, FA equipment
6. Sensors
3. Measuring equipment
7. RKE
4. Professional cameras



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com