Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVG5A503C03 Datasheet(PDF) 52 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A503C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A503C03 Datasheet(HTML) 52 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A503C03 Datasheet HTML 47Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 48Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 49Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 50Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 51Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 52Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 53Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 54Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 55Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Packaging
Continued from the preceding page.
Part Number
PVZ2A
PVZ2R
PVA2
PVZ3A/H
PVZ3G
PVZ3K
2.4±0.2
3.3±0.2
(in mm)
A
3.1±0.1
5.1±0.2
3.1±0.1
3.8±0.2
5.8±0.2
B
8.0±0.2
12.0±0.2
8.0±0.2
12.0±0.2
C
3.5±0.1
5.5±0.1
3.5±0.1
5.5±0.1
D
1.1±0.1
1.0±0.1
1.1±0.1
1.95±0.1
1.3±0.1
2.3±0.1
I
0.2±0.1
0.3±0.1
0.2±0.1
0.3±0.1
J
a
a'
4.0±0.1
2.0±0.1
4.0±0.1
1.5
Dia.
+0.1
–0
1.75±0.1
D
C
A
B
J
I
Across a – a'
Tape feeding direction
PVZ2 / PVA2 / PVZ3
c Dimensions of Plastic Tape
Part Number
PVG3A
PVG3G
PVM4
PVG5H
4.0±0.1
4.5±0.2
5.4±0.2
A
4.0±0.1
4.9±0.1
5.5±0.2
5.8±0.2
B
2.1±0.1
2.15±0.1
4.0±0.1
I
0.3±0.1
0.3±0.1
0.4±0.1
J
(in mm)
PVG3A / PVG3G / PVM4 / PVG5H
J
I
2.0±0.1
8.0±0.1
B
A
4.0±0.1 1.5
+0.1
c Dimensions of Plastic Tape
Continued on the following page.
R50E.pdf
Jul.23,2012
50
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com