Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVG5A503C03 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # PVG5A503C03
Description  Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVG5A503C03 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button PVG5A503C03 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PVG5A503C03 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVZ3A221C01
0.1(50°C)
1(230°±10°)
Endless
220ohm±30%
±500
PVZ3A471C01
0.1(50°C)
1(230°±10°)
Endless
470ohm±30%
±500
PVZ3A102C01
0.1(50°C)
1(230°±10°)
Endless
1k ohm±30%
±500
PVZ3A222C01
0.1(50°C)
1(230°±10°)
Endless
2.2k ohm±30%
±500
PVZ3A472C01
0.1(50°C)
1(230°±10°)
Endless
4.7k ohm±30%
±500
PVZ3A103C01
0.1(50°C)
1(230°±10°)
Endless
10k ohm±30%
±500
PVZ3A223C01
0.1(50°C)
1(230°±10°)
Endless
22k ohm±30%
±500
PVZ3A473C01
0.1(50°C)
1(230°±10°)
Endless
47k ohm±30%
±500
PVZ3A104C01
0.1(50°C)
1(230°±10°)
Endless
100k ohm±30%
±500
PVZ3A224C01
0.1(50°C)
1(230°±10°)
Endless
220k ohm±30%
±500
PVZ3A474C01
0.1(50°C)
1(230°±10°)
Endless
470k ohm±30%
±500
PVZ3A105C01
0.1(50°C)
1(230°±10°)
Endless
1M ohm±30%
±500
PVZ3A225C01
0.1(50°C)
1(230°±10°)
Endless
2.2M ohm±30%
±500
Operating Temperature Range: -25 to 85 °C
Soldering Method: Reflow/Soldering Iron
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVZ3H221C01
0.1(50°C)
1(230°±10°)
Endless
220ohm±30%
±500
PVZ3H471C01
0.1(50°C)
1(230°±10°)
Endless
470ohm±30%
±500
PVZ3H102C01
0.1(50°C)
1(230°±10°)
Endless
1k ohm±30%
±500
PVZ3H222C01
0.1(50°C)
1(230°±10°)
Endless
2.2k ohm±30%
±500
PVZ3H472C01
0.1(50°C)
1(230°±10°)
Endless
4.7k ohm±30%
±500
PVZ3H103C01
0.1(50°C)
1(230°±10°)
Endless
10k ohm±30%
±500
PVZ3H223C01
0.1(50°C)
1(230°±10°)
Endless
22k ohm±30%
±500
PVZ3H473C01
0.1(50°C)
1(230°±10°)
Endless
47k ohm±30%
±500
PVZ3H104C01
0.1(50°C)
1(230°±10°)
Endless
100k ohm±30%
±500
PVZ3H224C01
0.1(50°C)
1(230°±10°)
Endless
220k ohm±30%
±500
PVZ3H474C01
0.1(50°C)
1(230°±10°)
Endless
470k ohm±30%
±500
PVZ3H105C01
0.1(50°C)
1(230°±10°)
Endless
1M ohm±30%
±500
PVZ3H225C01
0.1(50°C)
1(230°±10°)
Endless
2.2M ohm±30%
±500
Operating Temperature Range: -25 to 85 °C
Soldering Method: Reflow/Soldering Iron
Part Number
Power Rating
(W)
Number of Turns
(Effective Rotation Angle)
Mechanical Rotation Angle
Total Resistance Value
TCR
(ppm/°C)
PVZ3G221C01
0.1(50°C)
1(230°±10°)
Endless
220ohm±30%
±500
PVZ3G471C01
0.1(50°C)
1(230°±10°)
Endless
470ohm±30%
±500
PVZ3G102C01
0.1(50°C)
1(230°±10°)
Endless
1k ohm±30%
±500
PVZ3G222C01
0.1(50°C)
1(230°±10°)
Endless
2.2k ohm±30%
±500
PVZ3G472C01
0.1(50°C)
1(230°±10°)
Endless
4.7k ohm±30%
±500
PVZ3G103C01
0.1(50°C)
1(230°±10°)
Endless
10k ohm±30%
±500
PVZ3G223C01
0.1(50°C)
1(230°±10°)
Endless
22k ohm±30%
±500
PVZ3G473C01
0.1(50°C)
1(230°±10°)
Endless
47k ohm±30%
±500
PVZ3G104C01
0.1(50°C)
1(230°±10°)
Endless
100k ohm±30%
±500
PVZ3G224C01
0.1(50°C)
1(230°±10°)
Endless
220k ohm±30%
±500
PVZ3G474C01
0.1(50°C)
1(230°±10°)
Endless
470k ohm±30%
±500
PVZ3G105C01
0.1(50°C)
1(230°±10°)
Endless
1M ohm±30%
±500
PVZ3G225C01
0.1(50°C)
1(230°±10°)
Endless
2.2M ohm±30%
±500
Operating Temperature Range: -25 to 85 °C
Soldering Method: Reflow/Soldering Iron
R50E.pdf
Jul.23,2012
11
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
2
Top Adjustment (H 1.85)
Top Adjustment (H 1.55)
Top Adjustment and Thin Type (H 1.15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com