Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX15VE Datasheet(PDF) 108 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 108 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 104Page - Texas Instruments TNETX15VE Datasheet HTML 105Page - Texas Instruments TNETX15VE Datasheet HTML 106Page - Texas Instruments TNETX15VE Datasheet HTML 107Page - Texas Instruments TNETX15VE Datasheet HTML 108Page - Texas Instruments TNETX15VE Datasheet HTML 109Page - Texas Instruments TNETX15VE Datasheet HTML 110Page - Texas Instruments TNETX15VE Datasheet HTML 111Page - Texas Instruments TNETX15VE Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
108
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TNETX15VE VLAN support
The TNETX15VE supports VLAN through its VLANmask, tagVLAN, and VLANID registers. Using these
registers, the user can associate each port to a specific VLAN and set the routing options for each VLAN when
the address is not found within the lookup table.
The VLANID registers give the VLAN assignment of the ports for the TNETX3150/TNETX3150A that a
TNETX15VE is attached to. The tagVLAN registers can be used to either mirror a cascaded
TNETX3150/TNETX3150A VLAN port assignment or as a user-defined code that is passed through the uplink
(port 00). The VLANmask registers are used to set the routing options for unknown addresses and to mask out
multicast-address routing when they are found within the lookup table.
VLAN support for cascaded systems
When two TNETX3150/TNETX3150As are connected in a cascaded system, the VLAN assignment ordinarily
is lost when frames traverse through the uplink. To solve this problem, each TNETX3150/TNETX3150A pretags
the frame with the source port number. This pretag is shown in the DRAM bus and decoded by the TNETX15VE.
Thus, the TNETX15VE knows the source port number for the remote system.
To tie the remote source port number to a VLANID, each TNETX15VE uses the tagVLAN registers. In the
TNETX3150/TNETX3150A
cascaded
systems,
the
tagVLAN
registers
enable
one
TNETX3150/TNETX3150A’s TNETX15VE to mirror its TNETX15VE counterpart in the cascaded
TNETX3150/TNETX3150A. The tagVLAN registers are set up with the VLANID registers of its partner. Thus,
the TNETX15VE No. 1 knows the VLAN assignments for the TNETX15VE No. 2 tables, and vice versa.
The following charts describe how to set up the individual VLAN registers for a cascaded system. TagVLAN0
is a don’t care because it maps to the remote TNETX3150/TNETX3150A port 00 that is shared (i.e., in this
application there are no frames sourced by the network coming from port 00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com