Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX15VE Datasheet(PDF) 35 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 35 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 31Page - Texas Instruments TNETX15VE Datasheet HTML 32Page - Texas Instruments TNETX15VE Datasheet HTML 33Page - Texas Instruments TNETX15VE Datasheet HTML 34Page - Texas Instruments TNETX15VE Datasheet HTML 35Page - Texas Instruments TNETX15VE Datasheet HTML 36Page - Texas Instruments TNETX15VE Datasheet HTML 37Page - Texas Instruments TNETX15VE Datasheet HTML 38Page - Texas Instruments TNETX15VE Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
new-add aged-del register set
The add/delete register set is used by the state machines (logic operations) to report on stations’ addresses
that have been added, deleted, or involved in port security violations as executed by the internal state machines,
or to request such actions be taken on the specified address on behalf of the host.
The newnode and agednode set of registers send status information from the state machines to the host as a
result of an interrupt. Addnode and delnode registers are host information/actions to be applied to the
TNETX15VE table. The status groups (new, aged) are covered in detail first, followed by the host command
groups (add, delete).
REGISTER SET AND ADDRESSES
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
AddVLANID
Adddelcontrol
0x2C
Newnode23–Newnode16
Newnode31–Newnode24
Newnode39–Newnode32
Newnode47–Newnode40
0x30
Newport
Newnode7–Newnode0
Newnode15–Newnode8
0x34
Addnode23–Addnode16
Addnode31–Addnode24
Addnode39–Addnode32
Addnode47–Addnode40
0x38
Addport
Addnode7–Addnode0
Addnode15–Addnode8
0x3C
Agednode23–Agednode16
Agednode31–Agednode24
Agednode39–Agednode32
Agednode47–Agednode40
0x40
AgedVLAN
Agedport
Agednode7–Agednode0
Agednode15–Agednode8
0x44
Delnode23–Delnode16
Delnode31–Delnode24
Delnode39–Delnode32
Delnode47–Delnode40
0x48
Delport
DelVLANID
Delnode7–Delnode0
Delnode15–Delnode8
0x4C
new-node/port-change/security-violation interrupt interface at 0x30–0x37 (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
Newnode23–Newnode16
Newnode31–Newnode24
Newnode39–Newnode32
Newnode47–Newnode40
0x30
Newport
Newnode7–Newnode0
Newnode15–Newnode8
0x34
The new-node/port-change/security-violation interrupt interface is used with the int and intmask registers to
exchange information relating to a wire event, such as a new source address seen, a source address seen on
a new port, or a source address seen on a port other than the one where it was secured, regardless of the state
of NAUTO. These registers are valid on a NEW, CHNG, or SECVIO interrupt and can be used to find new
addresses when the host processor is managing the address table. These registers are read only and default
to 0 on reset.
When NAUTO = 1, this interface with the NEW interrupt reports an address seen on the wire that is not in the
table. Since the host is managing the table when NAUTO = 1, this could be used by the host to initiate a
management ADD.
To avoid the data in these registers from being changed if another interrupt occurs while reading the current
data, the data in these registers is locked until the most-significant byte of the newport register is read.
The bit definition follows:
new-address register, newnode at 0x30–0x35 (DIO)
The newnode registers contain the node address (in Ethernet native data format) for which the interrupt was
given. The default value of this register after reset is 0x00.00.00.00.00.00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com