Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETX15VE Datasheet(PDF) 53 Page - Texas Instruments

Part # TNETX15VE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VE Datasheet(HTML) 53 Page - Texas Instruments

Back Button TNETX15VE Datasheet HTML 49Page - Texas Instruments TNETX15VE Datasheet HTML 50Page - Texas Instruments TNETX15VE Datasheet HTML 51Page - Texas Instruments TNETX15VE Datasheet HTML 52Page - Texas Instruments TNETX15VE Datasheet HTML 53Page - Texas Instruments TNETX15VE Datasheet HTML 54Page - Texas Instruments TNETX15VE Datasheet HTML 55Page - Texas Instruments TNETX15VE Datasheet HTML 56Page - Texas Instruments TNETX15VE Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
53
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
tag field (continued)
The intent of the tag field is to allow each TNETX15VE and TNETX3150/TNETX3150A combination in a
cascaded situation through port 00 to know the sourcing port on the other side of the cascade connection. With
this visibility, VLANs can be enforced with stations on both sides of the cascade connection. The pretag field
also can be used to support VLANs if a TNETX15VE/TNETX3150/TNETX3150A combination is functioning as
an edge device through port 00 for other equipment. By putting a tag in front of the packet, the TNETX15VE
gets a VLANID from a table indexed by the tag field. The TNETX3150/TNETX3150A is responsible for
recovering the pretag and including it in the first block transfer for a packet being written to memory during cycle
0. The tag field is used only by TNETX15VE if the channel code is 00. Interpretation of the tag is shown in
Table 2.
Table 2. Source Port Number Codes
SOURCE
PORT NUMBER
PORT
0000
Reserved
0001
Port 01 (10/100 Mbit/s)
0010
Port 02 (10/100 Mbit/s)
0011
Port 03 (10 Mbit/s)
0100
Port 04 (10 Mbit/s)
0101
Port 05 (10 Mbit/s)
0110
Port 06 (10 Mbit/s)
0111
Port 07 (10 Mbit/s)
1000
Port 08 (10 Mbit/s)
1001
Port 09 (10 Mbit/s)
1010
Port 10 (10 Mbit/s)
1011
Port 11 (10 Mbit/s)
1100
Port 12 (10 Mbit/s)
1101
Port 13 (10 Mbit/s)
1110
Port 14 (10 Mbit/s)
1111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com