| Electronic Components Datasheet Search |
|
TNETX15VE Datasheet(PDF) 85 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VE Datasheet(HTML) 85 Page - Texas Instruments |
|
85 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 85 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION NLRN mode The ADD logic operation cannot generate any indication of a new address from ports whose learning has been disabled by having its bit in the NLRNport register set. The bus watcher does not extract these addresses from the DRAM bus so no table search is possible. In this mode, the management CPU can add an address on the learning disabled ports. Since the bus watcher does not provide addresses from these ports to ADD in this mode, ADD does not perform any age touches to any addresses in the lookup table assigned to ports in this mode. NCRC mode The NCRC bit controls whether or not the bus watcher waits for a complete valid (CRC checked) frame before giving it to ADD. The TNETX15VE performs additions faster in NCRC mode since it does not have to wait for the good CRC indication on the bus. There is a possibility that addresses from bad (CRC checked) frames are added, but the aging process deletes them eventually. management address adding The ADD logic operation also can add addresses through the DIO interface management add/edit address interface registers as shown in the following: DIO ADDRESS 0x2C BYTE 3 BYTE 2 BYTE 1 BYTE 0 0x38 0x3C AddVLANID Addnode7–Addnode0 Adddelcontrol Addnode23–Addnode16 Addnode31–Addnode24 Addnode39–Addnode32 Addnode47–Addnode40 Addport Addnode15–Addnode8 Management ADDs are used to perform the following functions: • The address’ flags NEW, NBLCK, SECURE, LOCKED, and the copy uplink flag, CUPLINK, can be set or cleared through management adds. • DIO ADDs are used to change the address port assignment. • DIO ADDs are also the only way multicast and broadcast addresses are added to the lookup table. • DIO ADDs also write the current time to the AGE time stamp for the node. Management add commands are given through the ADD bit in the adddelcontrol register. The steps for adding an address are as follows: • Write the node’s address in the addnode registers and its VLAN in addVLANID. • If it is a unicast address, write the node’s flag information and port assignment in addport. If it is a multicast address, write the forwarding mask. • Set the ADD bit in the adddelcontrol register to 1. The ADD logic operation locks the addnode, addVLANID, and addport registers to ensure that they do not change during the address ADD. Reads to these registers are still possible. The ADD bit in the adddelcontrol register remains a 1 until the ADD is complete. Having a sticky bit (remains a 1) for ADD gives the programmer the opportunity to setup or perform other register operations without having to wait for the ADD completion. A polling method is used to find out if the ADD is finished. This involves reading the adddelcontrol register to determine if the ADD bit is low. The command bit stays set to 1 until command execution is completed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |